Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 929 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 929 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 925Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 926Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 927Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 928Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 929Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 930Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 931Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 932Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 933Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 929 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
29-39
It is not possible to determine exactly which channel's FIFO experienced the underrun, therefore a GUN
is considered a global event affecting that entire MCC. Following the assertion of MCCE[GUN], the MCC
stops transmitting data on all channels and all ones are sent instead. The MCC must be reset either through
an MCC RESET command or a CPM RESET after this error and then the MCC may be reinitialized.
There are several possible causes for an MCC GUN error:
•
Glitching on the TDM clock. Refer to Section 29.8.1.2.1, “TDM Clock.”
•
Synchronization pulse (sync pulse). Refer to Section 29.8.1.2.2, “Synchronization Pulse.”
•
Misprogramming of SIRAM. Refer to Section 29.8.1.2.3, “SIRAM Programming,” and
Section 29.8.1.2.4, “MCC Initialization.”
•
CPM bandwidth. Refer to Section 29.8.1.2.5, “CPM Bandwidth.”
•
CPM priority. Refer to Section 29.8.1.2.6, “CPM Priority.”
29.8.1.2.1
TDM Clock
Glitches on the TDM clock may be interpreted as an overwhelming number of clocks that the SI may try
to process (amongst other anomalous behavior), thus draining the MCC FIFOs on that TDM much too
quickly. This results in a GUN.
29.8.1.2.2
Synchronization Pulse
A TDM frame length, as programmed in SIRAM, that is shorter than the actual gap between sync pulses
may cause an underrun condition (in other words, if SIRAM programming hits an entry with
SIxRam[LST] set and then encounters dead time before the next sync pulse on the line). This may result
in anomalous behavior in the SI and therefore an underrun condition.
To avoid these cases, pad out the SIRAM programming with “null entries”, entries with no CPM peripheral
specified (MCC=0 and CSEL = 0000 in SIRAM entry) at the end of the SIRAM programming. Make the
null SIRAM entries represent the appropriate amount of time so that the SI frame length matches the gap
between sync pulses.
29.8.1.2.3
SIRAM Programming
Failure to follow SIRAM programing guidelines can result in erratic behavior or possibly GUN errors. The
following is a list of common programming errors:
•
Failing to set “LAST” in the final entry of an even-numbered total of SIRAM entries (i.e. there
cannot be an odd total of SIRAM entries for a TDM)
•
Programming an SIRAM entry to use an un-initialized MCC channel (or if the MCC as whole has
not been initialized with the appropriate “INIT TX RX” commands).
•
Programming an SIRAM entry to use an MCC channel that is not assigned to that particular TDM.
•
Using a channel too often (which would overload the FIFO) without going to superchannels.
•
Turning on too many MCC channels at once in the SIRAM (we suggest not to enable more than 32
channels per TDM frame's worth of time when you are first programming the SI).
•
Other programming errors, such as incorrect values in the SIRAM entries, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com