Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 932 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 932 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 928Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 929Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 930Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 931Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 932Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 933Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 934Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 935Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 936Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 932 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
29-42
Freescale Semiconductor
29.9.1
Receive Buffer Descriptor (RxBD)
Figure 29-21 shows the RxBD.
RxBD fields are described in Table 29-21.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Offset + 0
E
—
WI
LF
CM
—
UB
—
LGNOABCR
SF1
1 SS7 mode only. Otherwise, reserved.
—
Offset + 2
Data Length
Offset + 4
Rx Data Buffer Pointer
Offset + 6
Figure 29-21. MCC Receive Buffer Descriptor (RxBD)
Table 29-21. RxBD Field Descriptions
Bits
Name
Description
0
E
Empty
0 The data buffer associated with this BD has been filled with received data, or data reception has
been aborted due to an error condition. The user is free to examine or write to any fields of this
RxBD. The CP does not use this BD again while the empty bit remains zero.
1 The data buffer associated with this BD is empty, or reception is in progress. This RxBD and its
associated receive buffer are in use by the CP. When E = 1, the user should not write any fields
of this RxBD.
1
—
Reserved, should be cleared.
2
W
Wrap (final BD in table)
0 This is not the last BD in the RxBD table.
1 This is the last BD in the RxBD table. After this buffer has been used, the CP receives incoming
data into the first BD in the table (the BD pointed to by RBASE). The number of RxBDs in this
table is programmable and is determined by the wrap bit.
3
I
Interrupt
0 The RXB bit is not set after this buffer has been used, but RXF operation remains unaffected.
1 The RXB or RXF bit in the HDLC interrupt circular table entry is set when this buffer has been
used by the HDLC controller. These two bits may cause interrupts (if enabled).
4
L
Last in frame (only for HDLC mode of operation). The HDLC controller sets L = 1, when this buffer
is the last in a frame. This implies the reception either of a closing flag or of an error, in which case
one or more of the CD, OV, AB, and LG bits are set. The HDLC controller writes the number of frame
octets to the data length field.
0 This buffer is not the last in a frame.
1 This buffer is the last in a frame.
5
F
First in frame. The HDLC controller sets F = 1 for the first buffer in a frame. In transparent mode, F
indicates that there was a synchronization before receiving data in this BD.
0 This is not the first buffer in a frame.
1 This is the first buffer in a frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com