Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 915 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 915 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 911Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 912Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 913Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 914Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 915Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 916Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 917Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 918Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 919Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 915 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
29-25
After proving period, set the parameters (T and D) to values according to the Japanese SUERM. See
section Table 29-12.
To disable AERM and enter SUERM, do the following:
1. Set SUERM_DIS bit in SS7_OPT.
2. Set parameters (T, D & SUERM) for Japanese SUERM.
3. Clear SUERM_DIS bit in SS7_OPT.
29.3.4.3.3
Disabling SUERM
When SS7_OPT[SUERM_DIS] is set, the N_cnt and D_cnt parameters are not decremented by the
microcode and no SUERM interrupt is generated. This allows these parameters to be updated, for example,
at the end of the proving period in alignment error monitoring.
Note: If the SS7 controller is in the octet counting mode (OCM) when SUERM_DIS is set, then if no idles
(only flags/data) are received while SUERM_DIS is set, then after the host updates N_cnt and D_cnt and
clears SUERM_DIS the receiver will start in OCM. However if SUERM_DIS is set while in OCM and
idles are then received then the OCM state is left.
29.3.4.4
SU Filtering—SS7 Mode
To reduce the overhead to the user software, a filtering algorithm has been adopted to allow superfluous
frames to be discarded. This algorithm compares the first 3–5 bytes (depending on the type) of the current
FISU or LSSU to the last SU received and discards the current SU if it has already been received twice.
29.3.4.4.1
Comparison Mask
A user programmable 5-byte mask exists in the parameter RAM map. When an SU is received, the
controller checks the contents of the LI field. If LI is between 0 and 2, the SU (except for the CRC portion)
will be masked according to the user programmable mask and will then be compared to the last SU
received. The state machine for the matching algorithm is in Subsection 29.3.4.4.2, “Comparison State
Machine”.
The Mask1 and Mask2 channel-specific parameters construct the 5-byte user mask. The exact format and
byte ordering are shown on Figure 29-11 and Figure 29-12.
29.3.4.4.2
Comparison State Machine
The following state machine exists for filtering.
msb
lsb
Byte 1
Byte 2
Byte 3
Byte 4
Figure 29-11. Mask1 Format
msb
lsb
Reserved, should be cleared.
Byte 5
Figure 29-12. Mask2 Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com