Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 913 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 913 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 909Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 910Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 911Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 912Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 913Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 914Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 915Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 916Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 917Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 913 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
29-23
29.3.4.2.1
SUERM in Japanese SS7
The Japanese SS7 uses a time interval to monitor errors. If an error is present, it checks every 24 ms.
•
An error flag is set that indicates whether current frame is errored or not.
•
For every JTRDelay an error flag is checked.
•
If there is no error, decrement the counter SUERM by 1 (not below zero).
•
If there is an error, increment the counter SUERM by D.
•
If SUERM reaches T, the counter SUERM is cleared and a “signal unit error rate monitor” interrupt
is generated.
29.3.4.3
SS7 Configuration Register—SS7 Mode
The SS7 configuration register, shown on Figure 29-10 contains additional SS7 parameters.
Table 29-13 describes SS7 configuration register fields.
Table 29-12. Parameter Values for SUERM in Japanese SS7
Parameter
Definition
Value
T
Threshold
285
D
Upcount
16
JTRDelay
Length of interval (24ms)
0x2F
0
3
4
5
6
7
8
9
10
11
12
15
Field
—
AERM SUERM_DIS STD SF_DIS SU_FIL SEN_FIS O_ORN O_ITUT
FISU_PAD
Reset
R/W
R/W
Figure 29-10. SS7 Configuration Register (SS7_OPT)
Table 29-13. SS7 Configuration Register Fields Description
Bits
Name
Description
0–3
—
Reserved, should be cleared during initialization.
4
AERM
Alignment error rate monitor enable. See Section 29.3.4.3.1, “AERM Implementation.”
0 Do not enable AERM.
1 Enable AERM.
5
SUERM_DIS
Disable the SU error rate monitor. See Section 29.3.4.3.3, “Disabling SUERM.”
0 Enable SUERM.
1 Disables both SUERM and AERM.
6
STD
Standard compliance
0 ITU-T/ANSI compliant
1 Japanese SS7 compliant
7
SF_DIS
Discard short frames (less than 5 octets)
0 Do not discard short frames.
1 Discard short frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com