Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 912 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 912 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 908Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 909Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 910Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 911Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 912Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 913Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 914Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 915Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 916Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 912 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
29-22
Freescale Semiconductor
29.3.4.2
Signal Unit Error Monitor (SUERM)—SS7 Mode
The microcode maintains the signal unit error rate monitor as described in ITU-T Q.703 paragraph 10, and
ANSI T1.111-1996 paragraph 10.
The microcode uses SUERM, N, N_cnt, D, D_cnt and T parameters for the leaky-bucket implementation
of the SU error monitor.
•
After every N octets received while in octet counting mode, SUERM is incremented and an
interrupt request can be generated (SUERM) depending on the interrupt mask.
•
After D error-free frames have been received, SUERM is decremented. SUERM will not be
decremented below zero.
•
If SUERM reaches T, the SUERM is cleared and an interrupt is generated.
19
IDLM
Idle mode.
0 No idle patterns are transmitted between frames. After transmitting NOF+1 flags, the transmitter
starts sending the data of the frame. If the transmission is between frames and the frame buffers
are not ready, the transmitter sends flags until it can start transmitting the data received for SS7
operation.
1 At least one idle pattern is sent between adjacent frames. The NOF value shall be no smaller
than the PAD setting, see TxBD. If NOF = 0, this is identical to flag sharing in SS7. Mode flags
precede the actual data. When IDLM = 1, at least one idle pattern is sent between adjacent
frames. If the transmission is between frames and the frame buffer is not ready, the transmitter
sends idle characters. When data is ready, the NOF+1 flags are sent followed by the data frame.
If IDLE mode is selected and NOF = 1, the following sequence is sent:
......init value, FF, FF, flag, flag, data, ........
The init value before the idle will be ones.
20–25
—
Reserved, should be cleared during initialization.
10
TS
Receive time stamp. If this bit is set a 4 byte time stamp is written at the beginning of every data
buffer that the BD points to.If this bit is set the data buffer must start from an address equal to 8*n-4
(n is any integer larger than 0).
11–12
RQN
Receive queue number. Specifies the receive interrupt queue number.
00 Queue number 0.
01 Queue number 1.
10 Queue number 2.
11 Queue number 3.
13–15
NOF
Number of flags. NOF defines the minimum number of flags before frames:
000 - at least 1 flag
001 - at least 2 flags
....
111 - at least 8 flags
Note that items in bold must be initialized by the user.
Table 29-11. ECHAMR Fields Description (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com