Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 1386 page
background image
Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
1-9
NOTE
A bar over a signal name indicates that the signal is active low—for
example, BB (bus busy). Active-low signals are referred to as asserted
(active) when they are low and negated when they are high. Signals that are
not active low, such as TSIZ[0–3] (transfer size signals) are referred to as
asserted when they are high and negated when they are low.
Figure 1-2. MPC8280 External Signals
VCCSYN/GNDSYN/VCCSYN1//VDDH/
VDD/VSS ⎯⎯⎯> 100
6
0
x
B
U
S
32
<⎯⎯> A[0–31]
PCI_PAR/L_A14
<⎯⎯> 1
L
O
C
A
L
B
U
S
5
<⎯⎯> TT[0–4]
SMI/PCI_FRAME/L_A15
<⎯⎯> 14 <⎯⎯> TSIZ[0–3]
PCI_TRDY/L_A16
<⎯⎯> 11 <⎯⎯> TBST
CKSTOP_OUT/PCI_IRDY/L_A17
<⎯⎯> 11 <⎯⎯> GBL/IRQ1
PCI_STOP/L_A18
<⎯⎯> 11 <⎯⎯> CI/BADDR29/IRQ2
PCI_DEVSEL/L_A19
<⎯⎯> 11 <⎯⎯> WT/BADDR30/IRQ3
PCI_IDSEL/L_A20
<⎯⎯> 11 <⎯⎯⎯ L2_HIT/IRQ4
PCI_PERR/L_A21
<⎯⎯> 11 <⎯⎯> CPU_BG/BADDR31/IRQ5/CINT
PCI_SERR/L_A22
<⎯⎯> 11 ⎯⎯⎯> CPU_DBG
PCI_REQ0/L_A23
<⎯⎯> 11 ⎯⎯⎯> CPU_BR
CPCI_HS_ES/PCI_REQ1/L_A24
<⎯⎯> 11 <⎯⎯> BR
PCI_GNT0/L_A25
<⎯⎯> 11 <⎯⎯> BG
CPCI_HS_LED/PCI_GNT1/L_A26
<⎯⎯⎯ 11 <⎯⎯> ABB/IRQ2
CPCI_HS_ENUM/PCI_CLK/L_A27
<⎯⎯> 11 <⎯⎯> TS
CORE_SRESET/PCI_RST/L_A28
<⎯⎯> 11 <⎯⎯> AACK
PCI_INTA/L_A29
<⎯⎯> 11 <⎯⎯> ARTRY
PCI_REQ2/L_A30
<⎯⎯> 11 <⎯⎯> DBG
DLLOUT/L_A31
<⎯⎯> 11 <⎯⎯> DBB/IRQ3
PCI_AD[0–31]/LCL_D[0–31]
<⎯⎯> 32
64
<⎯⎯> D[0–63]
PCI_C/BE[0–3]/LCL_DP[0–3]
<⎯⎯> 41 <⎯⎯> NC/DP0/RSRV/EXT_BR2
PCI_CFG[3–0]/LBS[0–3]/
LSDDQM[0–3]/LWE[0–3]
<⎯⎯⎯ 4
M
E
M
C
1
<⎯⎯> IRQ1/DP1/EXT_BG2
1
<⎯⎯> IRQ2/DP2/TLBISYNC/EXT_DBG2
1
<⎯⎯> IRQ3/DP3/CKSTP_OUT/EXT_BR3
PCI_MODCK_H0/LGPL0/LSDA10
<⎯⎯⎯ 11 <⎯⎯> IRQ4/DP4/CORE_SRESET/EXT_BG3
PCI_MODCK_H1/LGPL1/LSDWE
<⎯⎯⎯ 11 <⎯⎯> IRQ5/DP5/TBEN/EXT_DBG3/CINT
PCI_MODCK_H2/LGPL2/LSDRAS/LOE
<⎯⎯⎯ 11 <⎯⎯> IRQ6/DP6/CSE0
PCI_MODCK_H3/LGPL3/LSDCAS
<⎯⎯⎯ 11 <⎯⎯> IRQ7/DP7/CSE1
LPBS/LGPL4/LUPMWAIT/LGTA
<⎯⎯> 11 <⎯⎯> PSDVAL
PCI_MODCK/LGPL5
<⎯⎯> 11 <⎯⎯> TA
LWR
<⎯⎯> 11 <⎯⎯> TEA
P
I
O
1
<⎯⎯> IRQ0/NMI_OUT
PA[0–31]
<⎯⎯> 32
1
<⎯⎯> IRQ7/INT_OUT/APE
PB[4–31]
<⎯⎯> 28
M
E
M
C
10
⎯⎯⎯> CS[0–9]
PC[0–31]
<⎯⎯> 32
1
<⎯⎯> CS[10]/BCTL1
PD[4–31]
<⎯⎯> 28
1
<⎯⎯> CS[11]/AP[0]
2
⎯⎯⎯> BADDR[27–28]
PCI_RST/PORESET
⎯⎯⎯> 1
R
S
T
C
L
K
1
⎯⎯⎯> ALE
RSTCONF
⎯⎯⎯> 11 ⎯⎯⎯> BCTL0
HRESET
<⎯⎯> 18 ⎯⎯⎯> PWE[0–7]/PSDDQM[0–7]/PBS[0–7]
SRESET
<⎯⎯> 11 ⎯⎯⎯> PSDA10/PGPL0
QREQ
<⎯⎯⎯ 11 ⎯⎯⎯> PSDWE/PGPL1
XFC
⎯⎯⎯> 11 ⎯⎯⎯> POE/PSDRAS/PGPL2
CLKIN1
⎯⎯⎯> 11 ⎯⎯⎯> PSDCAS/PGPL3
TRIS
⎯⎯⎯> 11 <⎯⎯> PGTA/PUPMWAIT/PGPL4/PPBS
BNKSEL[0]/TC[0]/AP[1]/MODCK1
<⎯⎯> 11 ⎯⎯⎯> PSDAMUX/PGPL5
BNKSEL[1]/TC[1]/AP[2]/MODCK2
<⎯⎯> 1
J
T
A
G
1
<⎯⎯⎯ TMS
BNKSEL[2]/TC[2]/AP[3]/MODCK3
<⎯⎯> 11 <⎯⎯⎯ TDI
PCI_MODE
⎯⎯⎯> 11 <⎯⎯⎯ TCK
CLKIN2
⎯⎯⎯> 11 <⎯⎯⎯ TRST
NC
⎯⎯⎯> 2
1
⎯⎯⎯> TDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com