Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 1386 page
background image
Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
1-13
1.7.1.1
Remote Access Server
Figure 1-3 shows remote access server configuration.
Figure 1-3. Remote Access Server Configuration
In this application, eight TDM ports are connected to external framers. In the MPC8280, each group of
four ports support up to 128 channels. One TDM interface can support 32–128 channels. The MPC8280
receives and transmits data in transparent or HDLC mode, and stores or retrieves the channelized data from
memory. The data can be stored either in memory residing on the 60x bus or in memory residing on the
local bus.
The main trunk can be configured as 155 Mbps full-duplex ATM, using the UTOPIA interface, or as
10/100 BaseT Fast Ethernet with MII interface, or as a high-speed serial channel (up to 45 Mbps). In ATM
mode, there may be a need to store connection tables in external memory on the local bus; for example,
128 active internal connections require 8 Kbytes of dual-port RAM. The need for local bus depends on the
total throughput of the system. The MPC8280 supports automatic (without software intervention) cross-
connect between ATM and MCC, routing ATM AAL1 frames to MCC slots.
The local bus can be used as an interface to a bank of DSPs that can run code that performs analog modem
signal modulation. Data to and from the DSPs can be transferred through the parallel bus with the internal
virtual IDMA.
MPC8280
TDM0
TDM7
Quad
T1
Framer
UTOPIA Multi PHY
60x Bus
SDRAM/DRAM/SRAM
Channelized Data
Local Bus
SDRAM/DRAM/SRAM
ATM
Connection Tables
(up to 256 channels)
SMC/I2C/SPI/SCC
Slow
Comm
PHY
10/100BaseT
E3 clear channel
(takes one TDM)
or
or
Slaves
DSP Bank
on
Local
Bus
(optional)
Framer
MII
Transceiver
155 Mbps
PHY
ATM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com