Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 1386 page
background image
Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
1-16
Freescale Semiconductor
Here the MPC8280 channelizes two E1s (up to 256, 16-Kbps channels).
The local bus can control a bank of DSPs. Data to and from the DSPs can be transferred through the
parallel bus to the host port of the DSPs with the internal virtual IDMA.
The slow communication ports (SCCs, SMCs, I2C, SPI) can be used for management and debug functions.
1.7.1.5
Telecommunications Switch Controller
Figure 1-7 shows a telecommunications switch controller configuration.
Figure 1-7. Telecommunications Switch Controller Configuration
The CPM supports a total aggregate throughput of 710 Mbps at 133 MHz. This includes two full-duplex
100 BaseT and one full-duplex 155 Mbps for ATM. The G2_LE core can operate at a different (higher)
speed, if the application requires it.
MPC8280
10/100BaseT
60x Bus
SDRAM/DRAM/SRAM
Local Bus
SDRAM/DRAM/SRAM
ATM
Connection
Tables
10/100BaseT
SMC/I2C/SPI/SCC
(10BaseT)
UTOPIA Multi PHY
Slow
Comm
PHY
155 Mbps
PHY
ATM
MII
Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com