Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 1386 page
background image
Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
1-17
1.7.1.6
SONET Transmission Controller
Figure 1-8 shows a SONET transmission controller configuration.
Figure 1-8. SONET Transmission Controller Configuration
In this application, the MPC8280 implements super channeling with the MCC. Nine 64-Kbps channels are
combined to form a 576-Kbps channel. The MPC8280 at 133 MHz can support up to sixteen 576-Kbps
superchannels. The MPC8280 also supports subchanneling (under 64 Kbps) with its MCC.
1.7.2
Bus Configurations
The following sections describe the following possible bus configurations:
•
Section 1.7.2.1, “Basic System”
•
Section 1.7.2.2, “High-Performance Communication”
•
Section 1.7.2.3, “High-Performance System Microprocessor”
•
Section 1.7.2.4, “PCI”
•
Section 1.7.2.5, “PCI with 155-Mbps ATM”
•
Section 1.7.2.6, “The MPC8280 as PCI Agent”
1.7.2.1
Basic System
In the basic system configuration, shown in Figure 1-9, the G2_LE core is enabled and uses the 64-bit 60x
data bus. The 32-bit local bus data is needed to store connection tables for many active ATM connections.
The local bus may also be used to store data that does not need to be heavily processed by the core. The
MPC8280
10/100BaseT
60x Bus
SDRAM/DRAM/SRAM
Channelized Data
Local Bus
SDRAM/DRAM/SRAM
ATM
Connection
Tables
SMC/I2C/SPI/SCC
(10BaseT)
(up to 16 channels)
TDM0
TDM3
MII
Transceiver
576 Kbps
SONET
Transceivers
Slow
Comm
PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com