Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 1386 page
background image
Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
1-10
Freescale Semiconductor
1.4
Differences Between MPC860 and MPC8280
The following MPC860 features are not included in the MPC8280.
•
On-chip crystal oscillators (must use external oscillator)
•
4-MHz oscillator (input clock must be at the bus speed)
•
Low power (stand-by) modes
•
Battery-backup real-time clock (must use external battery-backup clock)
•
BDM (COP offers most of the same functionality)
•
True little-endian mode
•
PCMCIA interface
•
Infrared (IR) port
•
QMC protocol in SCC (256 HDLC channels are supported by the MCCs)
•
Multiply and accumulate (MAC) block in the CPM
•
Centronics port (PIP)
•
Pulse-width modulated outputs
•
SCC Ethernet controller option to sample 1 byte from the parallel port when a receive frame is
complete
•
Parallel CAM interface for SCC (Ethernet)
1.5
Serial Protocol Table
Table 1-1 summarizes available protocols for each serial port.
Table 1-1. MPC8280 Serial Protocols
Port
Port
FCC
SCC
MCC
SMC
USB
ATM (Utopia)1
1 Not on the MPC8270
√
100BaseT
√
10BaseT
√√
HDLC
√√√
HDLC_BUS
√
Transparent
√√√√
UART
√√
DPLL
√
Multichannel
√
Universal serial bus
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com