Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1082 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1082 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1078Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1079Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1080Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1081Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1082Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1083Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1084Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1085Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1086Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1082 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
32-22
Freescale Semiconductor
Figure 32-20. Pointer Verification Mechanism
32.8
AAL-1 Memory Structure
The CPM manages ATM traffic by means of transmit and receive buffer descriptors (BD) and by transmit
and receive connection tables (referred to as TCTs and RCTs, respectively). Buffer descriptors are circular
lists of pointers into transmit and receive buffer space in external memory. The following sections describe
the organization and configuration of the buffer descriptors, TCTs, and RCTs.
32.8.1
AAL1 CES Parameter RAM
The MPC8280 parameter RAM is used to configure the three FCCs. The CP also uses the parameter RAM
to store operational and temporary values. When configured for ATM mode, MPC8280 overlays the
configuration structures shown in the next tables. The following table includes fields for ATM operation
generally and AAL1 CES fields particularly.
Note that some of the values must be initialized by the user; values set by the CP should not be modified
by the user.
Table 32-3. AAL1 CES Field Descriptions
Offset
Name
Width
Description
0x00–
0x3F
—
—
Reserved, should be cleared during initialization.
0x40
RCELL_TMP_BASE
Hword
Rx cell temporary base address. Points to a total of 64 bytes reserved
dual-port RAM area used by the CP. Should be 64 byte aligned.
User-defined.
0x42
TCELL_TMP_BASE
Hword
Tx cell temporary base address. Points to total of 64 bytes reserved
dual-port RAM area used by the CP. Should be 64-byte aligned.
User-defined.
0x44
UDC_TMP_BASE
Hword
UDC mode only. Points to a total of 32 bytes reserved dual-port RAM
area used by the CP. Should be 64-byte aligned. User-defined.
Pointer mismatch/error
Missing pointer
Hunt mode
Pre-hunt mode
Sync mode
No pointer
Valid pointer
Valid pointer
Pointer mismatch/error
Missing pointer
Valid pointer
new structured



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com