Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1084 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1084 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1080Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1081Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1082Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1083Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1084Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1085Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1086Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1087Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1088Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1084 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
32-24
Freescale Semiconductor
Additional CES parameters needed by the AAL1 microcode are described in the following table.
0x84
GMODE
Hword
Global mode. User-defined. See Section 31.10.1.3, “Global Mode Entry
(GMODE).”
0x86
COMM_INFO
Hword
The information field associated with the last host command.
User-defined. See Section 31.14, “ATM Transmit Command.”
0x88
Hword
0x8A
Hword
0x8C
Reserved
Word
Reserved, should be cleared during initialization.
0x90
CRC32_PRES
Word
Preset for CRC32. Initialize to 0xFFFFFFFF.
0x94
CRC32_MASK
Word
Constant mask for CRC32. Initialize to 0xDEBB20E3.
0x98
AAL1_SNPT_BASE
Hword
AAL1 SNP protection look up table base address. (AAL1 and AAL1 CES
only.) The 32-byte table resides in dual-port RAM and must be initialized
by the user (See Section 32.14, “AAL1 Sequence Number (SN)
Protection Table.”).
0x9A
—
Hword
Reserved, should be cleared during initialization.
0x9C
SRTS_BASE
Word
External SRTS logic base address. (AAL1and AAL1 CES only.) Should
be 16-byte aligned.
0xA0
IDLE/UNASSIGN_BASE Hword
Idle/unassign cell base address. Points to dual-port RAM area contains
idle/unassign cell template (little-endian format). Should be 64-byte
aligned. User-defined. The ATM header should be 0x0000_0000 or
0x0100_0000 (CLP=1).
0xA2
IDLE/UNASSIGN_SIZE Hword
Idle/Unassign cell size. 52 in regular mode. 53–64 in UDC mode.
0xA4
EPAYLOAD
Word
Reserved payload. Initialize to 0x6A6A6A6A.
0xA8
Trm
Word
(ABR only) The upper bound on the time between F-RM cells for an active
source. TM 4.0 defines the Trm period as 100 msec. The Trm value is
defined by the system clock and the time stamp timer prescaler (See
RTSCR). For time stamp prescalar of 1µS, Trm should be set to 100
ms/1µs = 100,000.
0xAC
Nrm
Hword
(ABR only) Controls the maximum cells the source may send for each
F-RM cell. Set to 32 cells.
0xAE
Mrm
Hword
(ABR only) Controls the bandwidth between F-RM, B-RM and user data
cell. Set to 2 cells.
0xB0
TCR
Hword
(ABR only) Tag cell rate. The minimum cell rate allowed for all ABR
channels. An ABR channel whose ACR is less then TCR sends only
out-of-rate F-RM cells at TCR. Should be set to 10 cells/sec as defined in
the TM 4.0. Uses the ATMF TM 4.0 floating-point format. Note that the
APC minimum cell rate should be at least TCR.
0xB2
ABR_RX_TCTE
Hword
(ABR only) Points to total of 16 bytes reserved dual-port RAM area used
by the CP. Should be 16 byte aligned. User-defined.
Table 32-3. AAL1 CES Field Descriptions (continued)
Offset
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com