Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1087 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1087 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1083Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1084Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1085Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1086Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1087Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1088Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1089Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1090Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1091Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1087 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
32-27
Table 32-5 describes RCT fields.
Table 32-5. RCT Field Descriptions
Offset
Bits
Name
Description
0x00
0–1
—
Reserved, should be cleared during initialization.
2
GBL
Global. Asserting GBL enables snooping of data buffers, BD, interrupt queues and free
buffer pool.
3–4
BO
Byte ordering—used for data buffers.
00 Reserved
01munged little endian
1x Big endian
5
—
Reserved, should be cleared during initialization.
6
DTB
Data buffers bus
0 Data buffers reside on the 60x bus.
1 Data buffers reside on the local bus.
7
BIB
BD interrupt queues, free buffer pool, and CES external statistics tables bus placement
0 Reside on the 60x bus.
1 Reside on the local bus.
Notes:
1. When in UDC mode (AAL5 or AAL1 or AAL1 CES), BDs and data should be placed
on the same bus (RCT[DTB]=RCT[BIB]).
2. RCT[BIB] programming must be consistent across all CES receive channels
because they share the same AAL1_Ext_STATT_BASE parameter.
8–9
—
Reserved, should be cleared during initialization.
10
SEGF
OAM F5 segment filtering
0 Do not send cells with PTI=100 to the raw cell queue.
1 Send cells with PTI=100 to the raw cell queue.
11
ENDF
OAM F5 end-to-end filtering
0 Do not send cells with PTI=101 to the raw cell queue.
1 Send cells with PTI=101 to the raw cell queue.
12
—
Reserved, should be cleared during initialization.
13
SYNC
AAL1 SYNC. The user should set this bit for first AAL1 synchronization. Used internally
by the CP.
14–15
INTQ
Points to one of four interrupt queues available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com