Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1091 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1091 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1087Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1088Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1089Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1090Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1091Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1092Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1093Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1094Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1095Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1091 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
32-31
0x18
0–7
SCN
Super Channel Number.
This field should contain the MCC Super Channel Number that mapped to this ATM
channel. This field must be initialized by the user in CES mode only. See
Section 32.4.7, “Mapping VC Signaling to CAS Blocks.”
8
RXBM
Receive buffer interrupt mask
0 The receive buffer event of this channel is disabled. (The event is not sent to the
interrupt queue.)
1 The receive buffer event of this channel is enabled.
9
SLIPIM
Slip interrupt mask
0 The slip interrupts SLIPS and SLIPE are both masked.
1 When the receiver switches to hunt mode due to a 3-step-SN algorithm fault, or due to
two successive mismatched pointers, or due to a pre-overrun condition, the SLIPS
interrupt is sent to the interrupt queue. See Section 32.6, “3-Step-SN Algorithm,” and
Section 32.13, “AAL1 CES Exceptions.” When the receiver resynchronizes, SLIPE
interrupt is sent to the interrupt queue. Note that this is the error reporting mechanism
during automatic data forwarding (ATM-to-TDM bridging).
10–11
—
Reserved, should be cleared during initialization.
12–15
CASBS
CAS block size.This field contains the number divided by two (N/2) of signaling nibbles
mapped to this ATM channel. See Section 32.4.7, “Mapping VC Signaling to CAS
Blocks.”
Note that if the number of signaling nibbles is odd, this field should be programmed to
(N+1)/2. See Section 32.2.2, “Signaling Path.”
Example: ESF with three T1 time slots connected to one ATM channel. The Data_Size
= 3*24 = 72 octets and the CAS Block= 2 octets (N=3, (N+1)/2 = 2), so in this case the
Block_Size = 72+2 = 74
Table 32-6. AAL1 CES Protocol-Specific RCT Field Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com