Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1094 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1094 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1090Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1091Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1092Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1093Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1094Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1095Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1096Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1097Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1098Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1094 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
32-34
Freescale Semiconductor
32.9.2.1
AAL1 CES Protocol-Specific TCT
Figure 32-24 shows the AAL1 CES protocol-specific transmission connection tables (TCT).
Table 32-8 describes AAL1 CES protocol-specific TCT fields.
0x1C
0–1
—
Reserved, should be cleared during initialization.
2–7
PMT
Performance monitoring table. Points to one of the available 64 performance monitoring
tables. The starting address of the table is PMT_BASE+PMT
× 32. Can be changed
on-the-fly.
8–15
TBD_BASE
TxBD base. Points to the first BD in the channel’s TxBD table. The 8 most-significant
bits of the address are taken from BD_BASE_EXT in the parameter RAM. The four
least-significant bits of the address are taken as zero.
0x1E
0–11
12
BNM
Buffer-not-ready interrupt mask. Can be changed on-the-fly.
0 The transmit buffer-not-ready event of this channel is masked. (TBNR event is not
sent to the interrupt queue.)
1 The buffer-not-ready event of this channel is enabled.
13
STPT
Stop transmit. Initialize to 0. When the host sets this bit, the CP deactivates this channel
and clears TCT[VCON] when the channel is next encountered in the APC scheduling
table. Note that for AAL5 if STPT is set and frame transmission is already started
(TCT[INF]=1), an abort indication will be sent (last cell with zero length field).
14
IMK
Interrupt mask. Can be changed on-the-fly.
0 The transmit buffer event of this channel is masked. (TXB event is not sent to the
interrupt queue.)
1 The transmit buffer event of this channel is enabled.
15
PM
Performance monitoring. Can be changed on-the-fly.
0 No performance monitoring for this VC.
1 Performance is monitored for this VC. When a cell is sent for this VC, the performance
monitoring table indicated in PMT field is updated.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Offset + 0x10
—
Valid Octet Size (VOS)
PFM SRT
SPIF
STF
—
SN
Offset + 0x12
SRTS_DEV
Block Size
Offset + 0x14
ICASB/SRTS_TMP
Structured Pointer (SP)
Figure 32-24. AAL1 CES Protocol-Specific TCT
Table 32-7. TCT Field Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com