Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1095 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1095 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1091Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1092Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1093Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1094Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1095Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1096Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1097Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1098Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1099Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1095 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
32-35
Table 32-8. AAL1 CES Protocol-Specific TCT Field Descriptions
Offset
Bits
Name
Description
0x10
0–1
—
Reserved, should be cleared during initialization.
2–7
VOS
Valid octet size. Partially filled cell mode only. Specifies the number of valid octets from
the beginning of the AAL1 user data field. For unstructured service, values 1-47 are
valid; for structured service, values 1-46 are valid.
8
PFM
Partially filled mode.
0 Partially filled cells mode is not used.
1 Partially filled cells mode is used. The transmitter copies only valid octets from the
buffer to the AAL1 cell. The size of the valid octets from the beginning of the AAL1
user data field is specified in the VOS (valid octet size) field.
9
SRT
Synchronous residual time stamp. Unstructured format only. The MPC8280 supports
SRTS generation using external logic. If this mode is enabled, the MPC8280 reads the
SRTS from external logic and inserts it into four cells for which SN = 1, 3, 5, or 7. The
MPC8280 reads the new SRTS from external logic every eight cells. (See Section , “.”)
0 SRTS mode is not used.
1 SRTS mode is used.
10
SPIF
Structured pointer inserted flag. Indicates that a structured pointer has been inserted
in the current cycle. The user should initialize this field to zero. Used by the CP only.
11
STF
Structured format.
0 Unstructured format is used.
1 Structured format is used.
Note that although the structured format may be used, if the block size is one, the user
should clear STF so that only non P-format AAL1 cells are generated.
12
—
Reserved, should be cleared during initialization.
13–15
SN
Sequence number field. Used by the CP to check the incoming cells SN. Initialize to 0.
0x12
0–3
SRTS_DEV
Used to select a SRTS device. The SRTS device address is
SRTS_BASE[0–27]+SRTS_DEV[28:31]. SRTS_BASE is taken from the parameter
RAM and is 16-byte aligned.
4–15
Block Size
Used only in structured format. Specifies the structured block size (Block Size = 0xFFF
= 4 Kbytes maximum).
Note that when working in CAS mode (CESM=1 and CASM=1), the block size should
be programmed to the superframe block size plus the size of the CAS block. However,
when working in basic mode (CES without CAS: CESM=1 and CASM=0) the block size
should be programmed to the number of MCC slots (Nx64) per frame assigned to this
channel.
0x14
0–3
ICASB/SRTS
_TMP
ICASB applies when in CAS mode. Incoming CAS Block. Points to one of the eight
available internal CAS block. The starting address of the table is
IN_CAS_BLOCK_BASE+ICASB
× 32. See Section 32.4.7.1, “CAS Routing Table” for
more details.
Note that the RCT and TCT use the same CAS routing table (CRT).
SRTS_TMP applies when not in CAS mode. Before a cell with SN = 1 is sent, the CP
reads the SRTS code from external SRTS logic, writes it to SRTS_TMP, and then
inserts SRTS_TMP into the next four cells with an odd SN.
4–15
SP
Structured pointer. Used by the CP to calculate the structured pointer. Initialize to 0.
Structured format only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com