Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1099 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1099 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1095Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1096Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1097Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1098Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1099Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1100Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1101Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1102Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1099 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
32-39
32.12.1 AAL1 CES RxBD
Figure 32-28 shows the AAL1 CES RxBD.
Table 32-11 describes AAL1 CES RxBD fields.
012
345
678
9
10
11
15
Offset + 0x00
E
—
W
I
—
—
CM
—
—
EOSF
—
Offset + 0x02
Data Length
Offset + 0x06
Rx Data Buffer Pointer
Offset + 0x08
Figure 32-28. AAL1 CES RxBD
Table 32-11. AAL1 CES RxBD Field Descriptions
Offset
Bits
Name
Description
0x00
0
E
Empty.
0 The buffer associated with this RxBD is filled with received data or data reception was
aborted due to an error. The core can read or write any fields of this RxBD. The CP
cannot use this BD again while E = 0.
1 The buffer is not full. This RxBD and its associated receive buffer are owned by the CP.
Once E is set, the core should not write any fields of this RxBD.
1—
—
2
W
Wrap (final BD in table)
0 This is not the last BD in the RxBD table of the current channel.
1 This is the last BD in the RxBD table of this current channel. After this buffer is used, the
CP receives incoming data into the first BD in the table. The number of RxBDs in this
table is programmable and is determined only by the W bit. The current table overall
space is constrained to 64 Kbytes.
3
I
Interrupt
0 No interrupt is generated after this buffer has been used.
1 An Rx buffer event is sent to the interrupt queue after the ATM controller uses this buffer.
FCCE[GINT
x] is set when the INT_CNT reaches the global interrupt threshold.
4-5
—
—
6
CM
Continuous mode
0 Normal operation.
1 The empty bit (RxBD[E]) is not cleared by the CP after this BD is closed, allowing the
associated buffer to be overwritten automatically when the CP next accesses this BD.
7-8
—
—
9
EOSF
End of super frame. CES mode (RCT[CESM=1]) only.
0 No signaling information should be inserted after closing this buffer.
1 When closing this buffer, the ATM receiver unpacks the CAS information from the
incoming AAL1 cells and stores it in the internal CAS block.
Note that this bit should be set by the user at the end of each super-frame in the common
(MCC, ATM) BD table. See Section 32.4.6, “Channel Associated Signaling (CAS)
Support.”
10-15
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com