Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1102 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1102 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1098Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1099Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1100Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1101Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1102Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1103Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1104Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1105Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1102 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
32-42
Freescale Semiconductor
32.14 AAL1 Sequence Number (SN) Protection Table
The 32-byte sequence number protection table, pointed to by AAL1_SNPT_BASE in the ATM parameter
RAM, resides in dual-port RAM and is used for AAL1 only. The table should be initialized according to
Figure 32-31.
2
W
Wrap bit. When set, this is the last interrupt circular table entry. During initialization, the
host must clear all W bits in the table except the last one, which must be set.
3–7
—
—
8
SLIPE
Slip End.Set when an AAL1 channel exits a slip state (the channel’s adaptive counter
reaches the ATM_Start threshold and the ATM channel regains its SYNC). At this
point the receiver starts to receive the incoming cells. See Section 32.6, “3-Step-SN
Algorithm.”
Note that this interrupt can be masked with RCT[SLIPIM=0]. See Section 32.9.1,
“Receive Connection Table (RCT).” This interrupt has an associated channel code.
9
SLIPS
Slip Start.Set when an AAL1 channel enters a slip state (the channel’s adaptive
counter reaches the ATM_Stop threshold or the ATM channel loses its SYNC). At this
point the receiver drops incoming cells until the adaptive counter reaches the
ATM_Start threshold and the channel is resynchronized. See Section 32.6,
“3-Step-SN Algorithm.”
Note that this interrupt can be masked with RCT[SLIPIM=0]. See Section 32.9.1,
“Receive Connection Table (RCT).” This interrupt has an associated channel code.
10
CASUP
CAS Update Interrupt. Set when one of the eight outgoing CAS blocks is updated by
the CP. New signaling information has been received within the received AAL1 cells.
Note that this interrupt available in CES mode and when RCT[CCASM=1] mode.
This interrupt has an associated channel code.
11
TBNR
Tx buffer-not-ready. Set when a transmit buffer-not-ready interrupt is issued. This
interrupt is issued when the CP tries to open a TxBD that is not ready (R = 0). This
interrupt is sent only if TCT[BNM] = 1. This interrupt has an associated channel code.
Note that for AAL5, this interrupt is sent only if frame transmission is started. In this
case, an abort frame transmission is sent (last cell with length=0), the channel is taken
out of the APC, and the TCT[VCON] flag is cleared.
12
RXF
Rx frame. RXF is set when an Rx frame interrupt is issued. This interrupt is issued at
the end of AAL5 PDU reception. This interrupt is issued only if RCT[RXFM] = 1. This
interrupt has an associated channel code.
13
BSY
Busy condition. The BD table or the free buffer pool associated with this channel is busy.
Cells were discarded due to this condition. This interrupt has an associated channel
code.
14
TXB
Tx buffer. TXB is set when a transmit buffer interrupt is issued. This interrupt is enabled
when both TxBD[I] and TCT[IMK] = 1. This interrupt has an associated channel code.
15
RXB
Rx buffer. RXB is set when an Rx buffer interrupt is issued. This interrupt is enabled
when both RxBD[I] and RCT[RXBM] = 1. This interrupt has an associated channel
code.
0x02
—
CC
Channel code specifies the channel associated with this interrupt.
Table 32-13. AAL1 CES Interrupt Queue Entry Field Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com