Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1105 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1105 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1101Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1102Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1103Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1104Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1105Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1106Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1107Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1108Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1105 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
32-45
The external framer then places the signaling information at the appropriate position in the super
frame. See Section 32.4.6, “Channel Associated Signaling (CAS) Support.”
•
Simple external logic is needed to synchronize the MCC-to-framer serial connection. When going
from TDM-to-ATM, the CAS information should be read by the MCC on the 24th frame of a super
frame.
•
The adaptive rate FIFO method can be implemented by the core by calculating the difference
between the ATM and MCC pointers.
•
When going from TDM-to-ATM, the ATM channel should be programmed to work at a higher rate
than the MCC super-channel rate. We expect that the jitter caused by the APC traffic reshaping will
depend on the ATM channel rate (PCR, PCR_FRACTION). Figure 32-32 illustrates this timing
issue. See also Section 32.4.1.2, “TDM-to-ATM.”
Figure 32-32. TDM-to-ATM Timing Issue
MCC timing:
BDs are ready to be transmitted at the rate shown below.
ATM timing:
The optimal ATM channel rate would match the MCC super channel rate exactly.
ATM timing (adjusted to higher rate):
If PCR and PCR_FACTION cannot provide the exact MCC super channel rate, the
ATM channel should be programmed to a higher rate to avoid the MCC buffer-not-ready
state. It is recommended that the ATM rate be double that of the MCC.
Extra request at the higher rate to compensate for jitter.
Note that some of the extra requests will not be needed (buffer-not-ready) and will
be ignored by the ATM controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com