Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1104 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1104 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1100Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1101Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1102Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1103Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1104Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1105Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1106Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1107Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1104 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
32-44
Freescale Semiconductor
32.16 External AAL1 CES Statistics Tables
An AAL1 CES statistics table, shown in Table 32-15, resides in the external memory and holds AAL1 CES
statistics on a per-VC basis. AAL1_Ext_STATT_BASE points to the base address of these tables. Each
AAL1 channel has its own table with a starting address given by AAL1_Ext_STATT_BASE +
ATM_CHANNEL#
× 16.
Note that both the internal and the external statistics tables should be cleared by the user.
32.17 CES-Specific Additions to the MCC
Additions to the MCC global parameter RAM and modifications to the channel-specific CHAMR and
INTMASK registers have been implemented to support CES operation. Refer to Section 29.3.3, “MCC
Parameters for AAL1 CES Usage,” Section 29.3.3.1.1, “Interrupt Circular Table Entry and Interrupt Mask
(INTMSK) —AAL1 CES,” and Section 29.3.1.3, “Channel Mode Register (CHAMR)—HDLC Mode,”
for more information.
32.18 Application Considerations
•
The buffer size (MCC [MRBLR]) must be a multiple of 8 octets.
•
The CAS buffer operates in continuous mode with newer signaling information continuously
overwriting older signaling.
•
The CES application does not use super-frame synchronization for the data flow in ATM-to-TDM
and TDM-to-ATM interworking. However, for the signaling flow, the MPC8280 uses the
super-frame sync signal to know when to supply the signaling information to the external framer.
Table 32-15. AAL1 CES External Statistics Table
Offset
Name
Width
Description
0x00
Rx_AAL1_LOST
Hword
16-bit cyclic counter. Counts the number of AAL1 lost cells events. See
Section 32.6, “3-Step-SN Algorithm.”
0x02
Rx_AAL1_MISS
Hword
16-bit cyclic counter. Counts the number of AAL1 misinserted events. See
Section 32.6, “3-Step-SN Algorithm.”
0x04
Rx_AAL1_SCE
Hword
16-bit cyclic counter. Counts the number of AAL1 sequence errors i.e the
expected SC is not match with the received one (ESC!= RSC). See
Section 32.6, “3-Step-SN Algorithm.”
0x06
Rx_SNP_Error
Hword
16-bit cyclic counter. Counts the number of ATM cell that received with
SNP error. (AAL1 PDU Header Error)
0x08
Rx_AAL1_SPE
Hword
16-bit cyclic counter. Counts the number of structured pointer error events
(i.e parity error, Tag cell or pointer mismatch). See Section 32.7, “Pointer
Verification Mechanism.”
0x0A
Rx_ReSYNC
Hword
16-bit cyclic counter. Counts the number of AAL1 resynchronized events:
pointer reframes, slip events, two consecutive cells with errors (SNE,
SCE, Tag…), and two consecutive pointers with errors (parity error or
pointer mismatch).
0x0C–
0x0E
—
Word
Reserved, should be cleared during initialization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com