Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1101 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1101 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1097Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1098Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1099Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1100Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1101Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1102Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1103Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1104Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1101 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
32-41
32.13 AAL1 CES Exceptions
There are four circular interrupt queues available for each channel. The interrupt queue number is
programmed in RCT[INTQ] and TCT[INTQ]. Events can be masked by clearing interrupt mask bits in the
RCT and TCT.
When one of the AAL1 channels generates an interrupt request, the CP writes a new entry to the table
consisting of the channel’s number and a description of the exception. The valid (V) bit is then set and
INTQ_PTR is incremented. When INTQ_PTR reaches the entry in which W is set, it returns to the first
entry of the queue. Each one-word entry provides detailed interrupt information to the host. More details
can be found in Section 29.11, “ATM Exceptions.”
32.13.1 AAL1 CES Interrupt Queue Entry
The figure below shows an interrupt queue entry.
The table below describes interrupt queue entry fields.
9
EOSF
End of super frame. CES mode (TCT[CESM=1]) only.
0 No signaling information should be inserted after closing this buffer.
1 When closing this buffer the ATM transmitter fetches the CAS information from the
internal CAS block and packs it to the outgoing AAL1 cells.
Note that this bit should be set by the user at the end of each super-frame in the
common (MCC, ATM) BD table. See Section 32.4.6, “Channel Associated Signaling
(CAS) Support.”
10–15
—
—
0x02
—
DL
The number of octets the ATM controller should transmit from this BD’s buffer. It is not
modified by the CP. The value of DL should be greater than zero.
0x04
—
TXDBPTR Tx data buffer pointer. Points to the address of the associated buffer. The buffer may
reside in either internal or external memory. This value is not modified by the CP.
0
1
2
3
7
8
9
10
11
12
13
14
15
Offset + 0x00
V
—
W
—
SLIPE
SLIPS
CASUP
TBNR
RXF
BSY
TXB
RXB
Offset + 0x02
Channel Code (CC)
Figure 32-30. AAL1 CES Interrupt Queue Entry
Table 32-13. AAL1 CES Interrupt Queue Entry Field Descriptions
Offset
Bits
Name
Description
0x00
0
V
Valid interrupt entry
0 This interrupt queue entry is free and can be use by the CP.
1 This interrupt queue entry is valid. The host should read this interrupt and clear this
bit.
1—
—
Table 32-12. AAL1 CES TxBD Field Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com