Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1092 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1092 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1088Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1089Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1090Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1091Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1092Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1093Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1094Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1095Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1096Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1092 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
32-32
Freescale Semiconductor
32.9.2
Transmit Connection Table (TCT)
Figure 32-23 shows the format of an TCT entry.
Table 32-7 describes general TCT fields.
01234567
8
9
10
11
12
13
14
15
Offset + 0x00
—
GBL
BO
—
DTB
BIB
—
ATT
AVCF VCON
INTQ
Offset + 0x02
—
AAL
Offset + 0x04
Tx Data Buffer Pointer (TXDBPTR)
Offset + 0x06
Offset + 0x08
TBDCNT
Offset + 0x0A
TBD_OFFSET
Offset + 0x0C
Rate Remainder
PCR Fraction
Offset + 0x0E
PCR
Offset + 0x10
Protocol Specific. Refer to Section 32.9.2.1, “AAL1 CES Protocol-Specific TCT.”
Offset + 0x12
Offset + 0x14
Offset + 0x16
APC Linked Channel
Offset + 0x18
ATM Cell Header (VPI,VCI,PTI,CLP)
Offset + 0x1a
Offset + 0x1C
—
PMT
TBD_BASE
Offset + 0x1E
TBD_BASE
BNM
STPT
IMK
PM
Figure 32-23. Transmit Connection Table (TCT) Entry
Table 32-7. TCT Field Descriptions
Offset
Bits
Name
Description
0x00
0–1
—
Reserved, should be cleared during initialization.
2
GBL
Global. Asserting GBL enables snooping of data buffers, BDs, interrupt queues and free
buffer pool.
3–4
BO
Byte ordering. This field is used for data buffers.
00 Reserved.
01 Power PC little endian.
1x Big endian.
5
—
Reserved, should be cleared during initialization.
6
DTB
Data buffer and CES transmit cell scratchpad bus placement
0 Reside on the 60x bus.
1 Reside on the local bus.
Note: TCT[DTB] programming must be consistent across all CES transmit channels
because they share the same TCELL_TMP_BASE_EXT parameter.
7
BIB
BD and interrupt queue bus
0 Reside on the 60xbus.
1 Reside on the local bus.
Note: When using AAL5, AAL1 or AAL1 CES in UDC mode, BDs and data should be
placed on the same bus (TCT[DTB]=TCT[BIB]).
8–9
—
Reserved, should be cleared during initialization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com