Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1089 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1089 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1085Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1086Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1087Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1088Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1089Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1090Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1091Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1092Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1093Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1089 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
32-29
32.9.1.1
AAL1 CES Protocol-Specific RCT
Figure 32-22 shows the AAL1 CES protocol-specific area of an RCT entry.
Table 32-6 describes AAL1 CES protocol-specific RCT fields.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Offset + 0x0E
SRTS_DEV
—
PFM
SRT
INVE STF
—
Offset + 0x10
OCASB/SRTS_TMP
—
—
Valid Octet Size (VOS)
Offset + 0x12
SPV
—
Structured Pointer (SP)
Offset + 0x14
RBDCNT
Offset + 0x16
Block Size
—
SN
Offset + 0x18
Super Channel Number
RXBM
SLIPIM
—
CASBS
Figure 32-22. AAL1 CES Protocol-Specific RCT
Table 32-6. AAL1 CES Protocol-Specific RCT Field Descriptions
Offset
Bits
Name
Description
0x0E
0–3
SRTS_DEV Selects an SRTS device, whose address is SRTS_BASE[0–27] + SRTS_DEV[28–31].
The 16 byte-aligned SRTS_BASE is taken from the parameter RAM.
4–7
—
Reserved, should be cleared during initialization.
8
PFM
Partially filled mode.
0 Partially filled cells mode is not used.
1 Partially filled cells mode is used. The receiver copies only valid octets from the AAL1
cell to the Rx buffer. The number of the valid octets from the beginning of the AAL1
user data field is specified in the VOS (valid octet size) field.
9
SRT
Synchronous residual time stamp. Unstructured format only. The MPC8280 supports
clock recovery using an external SRTS PLL. The MPC8280 tracks the SRTS from the
incoming four cells with SN = 1, 3, 5, and 7 and writes it to the external SRTS device.
Every eight cells the CP writes a valid SRTS to external logic. (See Section 31.16, “SRTS
Generation and Clock Recovery Using External Logic.”)
0 SRTS mode is not used.
1 SRTS mode is used.
10
INVE
Inverted empty.
0 RxBD[E] is interpreted normally (1 = empty, 0 = not empty).
1 RxBD[E] is handled in negative logic (0 = empty, 1 = not empty).
Note that in CAS mode (CESM=1) this bit must be set by the user; see Section 32.4.1,
“Automatic Data Forwarding.”
11
STF
Structured format.
0 Unstructured format is used.
1 Structured format is used.
Note that although the structured format may be used, if the block size is one, the user
should clear STF. Only non P-format AAL1 cells are received. The receiver does not
check the AAL1 structured pointer because there is no need to when the block size is one.
12–15
—
Reserved, should be cleared during initialization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com