Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1088 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1088 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1084Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1085Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1086Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1087Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1088Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1089Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1090Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1091Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1092Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1088 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
32-28
Freescale Semiconductor
0x02
0–3
—
Internal use only. Initialize to 0.
4–10
—
Internal use only. Initialize to 0.
11
CASM
Common associated signaling mode.
0
CAS operation mode is disable.
1 CAS operation mode is enable.
12
—
Reserved, should be cleared during initialization.
13–15
AAL
AAL type
000 AAL0 —Reassembly with no adaptation layer
001 AAL1 —ATM adaptation layer 1
010 AAL5 —ATM adaptation layer 5
100 AAL2 —ATM adaptation layer 2. Refer to Chapter 33, “ATM AAL2.”
101 AAL1_CES —ATM adaptation layer 1 with circuit emulation service
All others reserved.
0x04
—
RxDBPTR
Receive data buffer pointer. Holds real address of current position in the Rx buffer.
0x08
—
Cell Time
Stamp
Used for reassembly time-out. Whenever a cell is received, the MPC8280 time stamp
timer is sampled and written to this field. See Section 14.3.8, “RISC Time-Stamp
Control Register (RTSCR).”
0x0C
—
RBD_Offset RxBD offset from RBD_BASE. Points to the channel’s current BD. User-initialized to 0;
updated by the CP.
0x0E-0
x18
—
Protocol-specific area.
0x1A
—
MRBLR
Maximum receive buffer length. Used in both static and dynamic buffer allocation.
Note that in CES mode (CESM=1) this value must be a multiple of 8 (MCC limited).
0x1C
0–1
—
Reserved, should be cleared during initialization.
2–7
PMT
Performance monitoring table. Points to one of the available 64 performance
monitoring tables. The starting address of the table is PMT_BASE+PMT
× 32. Can be
changed on-the-fly.
8–15
RBD_BASE RxBD base. Points to the first BD in the channel’s RxBD table. The 8 most-significant
bits of the address are taken from BD_BASE_EXT in the parameter RAM. The four
least-significant bits of the address are taken as zeros.
0x1E
0–11
12
CCASM
Core CAS modify. When this mode is enabled, the CP sets OCASSR[MCASB
n] sticky
bit each time the outgoing (ATM to TDM) CAS block is changed.
0
Core CAS modify mode is disabled.
1 Core CAS modify mode is enabled.
See Section 32.10, “Outgoing CAS Status Register (OCASSR).”
13
CESM
Circuit Emulation Service Mode.
0
CES operation mode is disable. Adaptive Slip control mechanism is disabled.
1 CES operation mode is enable. Adaptive Slip control mechanism is enabled.
14
—
Reserved, should be cleared during initialization.
15
PM
Performance monitoring. Can be changed on-the-fly.
0 No performance monitoring for this VC.
1 Perform performance monitoring for this VC. Whenever a cell is received for this VC
the performance monitoring table that its code is written in the PMT field is updated.
Table 32-5. RCT Field Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com