Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1090 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1090 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1086Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1087Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1088Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1089Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1090Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1091Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1092Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1093Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1094Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1090 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
32-30
Freescale Semiconductor
0x10
0–3
OCASB/SR
TS_TMP
OCASB applies when in CAS mode. Outgoing CAS Block. Points to one of the eight
available internal CAS blocks. The starting address of the table is
OUT_CAS_BLOCK_BASE+OCASB¥ 32. See Section 32.4.7.1, “CAS Routing Table” for
more details.
Note that the RCT and TCT use the same CAS routing table (CRT).
SRTS_TMP applies when not in CAS mode. Used by the CP to store the received SRTS
code. After a cell with SN = 7 is received, the CP writes the SRTS code to the external
SRTS device.
Note that when the receiver is in hunt mode SRTS information is not updated.
4–9
—
Reserved, should be cleared during initialization.
10–15
VOS
Valid octet size. Specifies the number of valid octets from the beginning of the AAL1 user
data field. For unstructured, service values 1–47 are valid; for structured service, values
1-46 are valid. Partially filled cell mode only.
0x12
0
SPV
Structured pointer valid. Should be user-initialized user to zero. Structured format only.
1–3
—
Reserved, should be cleared during initialization.
4–15
SP
Structured pointer. Used by the CP to calculate the structured pointer. This field should
be initialized by the user to zero. Used in structured format only.
0x14
—
RBDCNT
RxBD count. Indicates how many bytes remain in the current Rx buffer. Initialized with
MRBLR whenever the CP opens a new buffer.
0x16
0–11
Block Size
Used only in structured format. Specifies the structured block size (Block Size = 0xFFF =
4 Kbytes maximum).
Note that when working in CAS mode (CESM=1 and CASM=1), the block size should be
programmed to the superframe block size plus the size of the CAS block. However, when
working in basic mode (CES without CAS: CESM=1 and CASM=0) the block size should
be programmed to the number of MCC slots (Nx64) per frame assigned to this channel.
12
—
Reserved, should be cleared during initialization.
13–15
SN
Sequence number. Used by the CP to check incoming cell’s sequence number.
Table 32-6. AAL1 CES Protocol-Specific RCT Field Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com