Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1085 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1085 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1081Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1082Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1083Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1084Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1085Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1086Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1087Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1088Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1089Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1085 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
32-25
32.9
Receive and Transmit Connection Tables (RCT, TCT)
The connection tables, RCT and TCT, hold channel configuration and temporary parameters for each
receive and transmit channel (AAL type, connection traffic parameters, BDs’ parameters and temporary
parameters used during segmentation and reassembly).
The internal connection tables hold parameters for up to 128 channels (channels 0–127). In extended
channel mode, parameters for channels 256 and above are kept in external memory. The only relationship
between transmit and receive connection tables of the same channel is the CRT (CAS routing table); see
Section 32.4.7.1, “CAS Routing Table.”
Table 32-4. AAL1 CES Parameters
Offset
Name
Width
Description
0x4A
INT_RTCRT_BASE
Hword
Internal receive/transmit CAS routing table extension base. User-defined. Note
that because AAL1 CES does not need the TCT extension, the AAL1 CES
microcode uses this Hword to point to a CAS routing table. Should be 32 byte
aligned. User-defined.
0x58
EXT_RTCRT_BASE
Word
External receive/transmit CAS routing table extension base. User-defined. Note
that because AAL1 CES does not need the TCT extension, the AAL1 CES
microcode uses this word to point to a CAS routing table.
0xB2
AAL1_INT_RX_CRT
Hword
(CES only) Points to a reserved scratchpad area of 32 bytes in the dual-port
RAM used by the CES microcode. Should be 32 byte aligned. User-defined.
0xd0
OCASSR
Byte
Outgoing CAS Status Register. See Section 32.10, “Outgoing CAS Status
Register (OCASSR).”
0xE0
TCELL_TMP_BASE_EXT Word
Transmit Cell Temporary base address (64-byte aligned). Points to an external
memory block reserved for partially filled cells (64 octets for each CES
channel). This area is allocated by the user but used by the CP.
0xE4
IN_CAS_BLOCK_BASE
Hword
Incoming CAS Block Base (depicted in Figure 32-12). Points to dual-port RAM.
Should be 32-byte aligned. User-defined.
0xE6
OUT_CAS_BLOCK_BASE Hword
Outgoing CAS Block Base (depicted in Figure 32-10). Points to dual-port RAM.
Should be 32-byte aligned. User-defined.
0xE8
AAL1_Int_STATT_BASE
Hword
AAL1 Internal Statistics Table Base. Points to dual-port RAM. Should be 16-byte
aligned. User-defined. See Section 32.15, “Internal AAL1 CES Statistics
Tables.”
0xEA
AAL1_DUMMY_CELL_
BASE
Hword
ALL1 Dummy cell base address. Points to dual-port RAM area contains the
AAL1 dummy cell template (little-endian format). Should be 64-byte aligned.
User-defined.
0xEC
CATB
Hword
CES adaptive threshold tables base address. Points to the dual-port RAM area
containing the CES slip control thresholds and the adaptive counter See
Section 32.15, “Internal AAL1 CES Statistics Tables.” Should be 8-byte aligned
(8 octets for each AAL1-MCC channel). User-defined and should match the
CATB value programmed in the MCC parameter RAM; see Section 29.3.3,
“MCC Parameters for AAL1 CES Usage.”
0xF0
AAL1_Ext_STATT_BASE
Word
AAL1 External Statistics Table Base. Points to External memory. Should be
16-byte aligned (16 octets for each AAL1 channel).User-defined. See
Section 32.16, “External AAL1 CES Statistics Tables.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com