Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1161 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1161 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1157Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1158Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1159Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1160Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1161Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1162Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1163Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1164Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1165Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1161 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-15
2. The non-TRL tasks do not determine when to perform stuffing on the non-TRL links. When the
TRL flags ‘imminent stuff’ on its own link, it will flag ‘imminent stuff’ on all of the non-TRL links
as well. Thus, the non-TRL links will also stuff their links every 2048 cells.
3. The non-TRL queue depths are the same as the TRL’s queue (i.e. 4 cells).
34.3.3
Receive Architecture
The receive task consists of three parts. The first part is for cell reception from the link. The second part
provides the trigger for activating the cell processing task, including timing recovery if desired. The third
part performs the actual cell processing (i.e. passing cells to the ATM layer). The cell reception task
services requests from the links (via the UTOPIA multi-PHY interface and the FCC), maintains the link
state, and (if the link and group state dictates) writes the received cells into the link’s delay compensation
buffer in external memory. The cell processing activation function coordinates passing cells from the cell
reception task, on either an on-demand basis or at a rate determined by the reconstructed IDCR (IMA data
cell rate). The cell processing task extracts cells from the delay compensation buffers and passes them to
the ATM layer for processing.
Figure 34-10. IMA Receive Task Interaction
34.3.3.1
Cell Reception Task
In the cell reception task, received ICP cells in which an SCCI change is noted, except for the first ICP
received cell, are passed to a user-defined receive AAL0 channel to be processed by software. These
Cell Reception
UTOPIA Multi-PHY
Task
Delay
Compensation
Buffers
Cell Processing
Task
Cell Processing Activation Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com