Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1157 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1157 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1153Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1154Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1155Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1156Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1157Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1158Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1159Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1160Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1161Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1157 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-11
At startup, the non-TRL links will transmit filler cells until their transmit queues have reached a minimum
depth. In order to maintain less than the specified maximum +/-2.5 cell transmit timing differential (for
cells within an IMA frame), the TRL must exhibit the same behavior. Therefore, a 4-cell transmit buffer
is also maintained for the timing reference link. The timing reference link will only begin to pass ATM
layer cells to its PHY after it has 3 cells in its buffer. Prior to this, it will send filler cells. This behavior
will only be experienced at group start-up.
The TRL task will also implement the standard amount of stuffing on the TRL link by maintaining a
counter. When this task has scheduled (2048/ M) ICP cells for the TRL, a TRL stuff event will be flagged
and an indication of an upcoming stuff event will be signaled in the ICP LSI field. If a TRL stuff event is
flagged when the TRL task triggers, then a stuff cell will be sent to the TRL’s transmit queue, but no cells
will be sent to the transmit queues of the non-TRL PHYs. This forces a standard amount of stuffing on the
TRL, thereby reducing the effective data bit rate of the TRL to less than the minimum data clock rate
allowed by the clock rate tolerance of the physical-layer standard. Therefore by definition, this effective
data bit rate is achievable by the non-TRL links; the non-TRL links can either stuff less (if their data clock
rate is slower than the TRL), or stuff more (if their data clock rate is faster than the TRL).
34.3.2.1.1
TRL Service Latency
NOTE
The functionality described in this section is available only with the latest
RAM microcode package.
This optional feature allows the user to change the IMA APC behavior upon TRL request. When enabled
the TRL request will pass a programmable number of cells to the Tx queue of the links in an IMA group.
This can be used in order to suppress the TRL from consuming a large amount of bandwidth before another
cell is transmitted. The TRL request normally places a cell in a queue for N links where the group contains
N links; after this happens then a non_TRL link is free to pass a cell over the UTOPIA interface. The delay
for the TRL can be long and in some cases the TC layer FIFO can underrun. This feature can be used to
ensure that TRL and non-TRL requests are handled in the same manner - 1 cell in 1 cell out to the transmit
queues. The non-TRL requests will also trigger APC iterations when this feature is enabled. When using
this feature, the depth of the TRL transmit queue must equal the non-TRL queues.
34.3.2.2
Non-TRL Operation
A request from a non-TRL PHY does not trigger any scheduling task. The cells for non-TRL links will
already be supplied (by the TRL task) in its associated transmit queue. The TRL will simply read a cell out
of its transmit queue and update the queue pointers.
If the transmit queue becomes too shallow (because this link’s request rate is faster than the TRL), the link
will flag that a stuff event is imminent. The link will signal an upcoming stuff event in the LSI field of its
next ICP cell and will then flag that a stuff event is due. Having flagged this stuff event, the link will
continue sending cells from its queue as normal until it reaches its next ICP cell, upon which it indicates
a stuff event in the ICP cell and transmits it, but does not update the transmit queue pointers. When the link
next requests a cell, the previous ICP cell is repeated (since the queue pointers were not updated). This
process causes the transmit queue to deepen to the intended level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com