Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1153 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1153 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1149Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1150Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1151Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1152Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1153Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1154Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1155Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1156Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1157Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1153 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-7
Figure 34-3. IMA Microcode Overview
34.2.3
Overview of IMA Cells
An IMA frame consists of M number of cells (M = 32, 64, 128, or 256 cells). Each frame consists of ATM
data cells and IMA control cells. Two types of IMA control cells are defined by and used by the IMA
protocol; IMA Control Protocol (ICP) cells and filler cells.
34.2.3.1
IMA Control Cells
There is at least one control cell (IMA Control Protocol) in each frame. An additional ICP cell may be
included in a frame to compensate for timing differences between the links in an IMA group (e.g., one link
is slightly faster than the other). The insertion of additional ICP cells to compensate for timing differences
between links is called a “stuff event”. The transmitter is responsible for inserting “stuff” ICP (SICP) cells
and the receiver will monitor for stuff indication and discard SICP cells. The location of the ICP cell in an
IMA frame is determined during the IMA start-up sequence.
ATM
RX
Function
Cell 1 Cell 2 Cell 3
Cell 4
Cell n
IMA RX
Function
Fast
Communication
Controller
acting as a
Virtual PHY
Cell 1
Cell n
Cell 2
Phy 1
Phy 2
Phy n
Cell n+1
ATM
TX
Function
Cell 1
Cell 2
Cell 3
Cell 4
Cell n
IMA TX
Function
Fast
Communication
Controller
acting as a
Virtual PHY
Cell 1
Cell n
Cell 2
Phy 1
Phy 2
Phy n
Cell n+1
Link ID #1
Link ID #N
Links 1 - N make up an IMA group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com