Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1151 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1151 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1147Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1148Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1149Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1150Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1151Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1152Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1153Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1154Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1155Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1151 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-5
Figure 34-1. Basic Concept of IMA
In the transmit direction (near-end), the ATM cell stream received from the ATM layer is distributed on a
cell by cell basis, across the multiple links within the IMA group. At the far-end, the receiving IMA unit
recombines the cells from each link, on a cell by cell basis, recreating the original ATM cell stream. The
aggregate cell stream is then passed to the ATM layer.The IMA protocol enables the
demultiplexing/deconstruction (transmit) of an ATM cell stream into multiple links. When receiving, the
IMA protocol multiplexes/reconstructs incoming cells from multiple links into the original ATM cell
stream. The IMA protocol must compensate for differences in clock rate and delay over the multiple links.
34.2.2
IMA Frame Overview
The IMA interface periodically transmits special cells that contain information that permit reconstruction
of the ATM cell stream at the receiving end of the IMA virtual link. The receiver end reconstructs the ATM
cell stream after accounting for the link differential delays, smoothing CDV introduced by the control
cells, etc. These cells, defined as IMA Control Protocol (ICP) cells, provide the definition of an IMA
frame. The transmitter must align the transmission of IMA frames on all links (shown in Figure 34-2). This
allows the receiver to adjust for differential link delays among the constituent physical links. Based on this
required behavior, the receiver can detect the defensible delays be measuring the arrival times of the IMA
frames on each link.
Original ATM
Single ATM
Cell Stream
from ATM
Layer
Physical Link #1
Physical Link #2
Physical Link #3
IMA Group
TC
+
PHY
TC
+
PHY
TC
+
PHY
TC
+
PHY
Physical Link #4
Cell Stream to
ATM Layer
IMA Group
TC
+
PHY
TC
+
PHY
TC
+
PHY
TC
+
PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com