Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1155 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1155 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1151Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1152Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1153Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1154Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1155Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1156Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1157Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1158Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1159Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1155 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-9
34.3.1.1
User Plane Functions Performed by Microcode
•
ATM cell stream splitting and reconstruction
•
ICP cell insertion/removal
•
Cell rate decoupling (i.e. filler cell insertion/removal)
•
IMA frame synchronization
•
Stuffing
•
Discards cells with bad HECs (available on .25
µm rev B silicon and forward)
34.3.1.2
Plane Management Functions Performed by Microcode
As stated above, most plane management functions must be performed in software. However, certain
statistics are intimately related to the lower-level user plane functions, and are thus best provided by the
microcode. These include the following:
•
ICP violations
•
Transmit stuff events
•
Receive stuff events
34.3.2
Transmit Architecture
This section discusses the behavior of the IMA microcode during transmission, focusing particularly on
the independent transmit clock (ITC) mode of IMA. Differences in behavior when common transmit clock
(CTC) mode is used are discussed at the end of this section.
Only one cell scheduler (known as the ATM pace controller or APC) is used per IMA group. This APC
schedules transmission for the IMA group as a single aggregate channel. The APC hands these cells off to
the IMA Tx microcode, which distributes these scheduled cells to each of the PHYs in the IMA group. To
compensate for clocking differences (jitter and average speed differential), the IMA Tx process distributes
ATM cells into N jitter buffers with a depth of 5 cells. The IMA PHYs take cells from these jitter buffers
and transmit them.
The cell scheduling is triggered by requests from the timing reference link (i.e. assertion of TxClav from
the TRL’s PHY). Requests from non-TRL PHYs only interact with the jitter buffer, and perform the
stuffing function as needed (when the jitter buffer becomes too shallow). Therefore, the microcode tasks
performed in response to TRL PHY requests and non-TRL PHY requests are different.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com