Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1156 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1156 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1152Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1153Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1154Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1155Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1156Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1157Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1158Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1159Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1160Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1156 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
34-10
Freescale Semiconductor
Figure 34-5. IMA Transmit Task Interaction
34.3.2.1
TRL Operation
A request from the TRL PHY is used to trigger a complete round-robin process of cell scheduling and
distribution, distributing one cell for each of the transmit queues of the N links in the IMA group. For each
link, the microcode will:
1. Determine whether an ICP cell or a data/filler cell should be sent for the link:
— If data/filler, determine whether link is in ‘active’ or ‘filler-only’ mode
— If active, run the APC scheduling algorithm to find the next scheduled ATM channel
2. Distribute either:
— An ICP cell
— A filler cell (if ‘filler-only’ or ‘active’ with nothing scheduled in the APC)
— A data cell (if a channel is scheduled in the APC, performing the appropriate segmentation task
for the scheduled ATM channel, as determined by the channel’s AAL type)
The cells are distributed by writing the complete cells into circular transmit queues provided per link.
These transmit queues function as ‘jitter buffers’, as they are used to decouple the transmit rate of the TRL
PHY from the transmit rate of the non-TRL PHYs in the group to allow for clocking differences between
the PHYs.
APC
Jitter
Tx Queue
Buffers
Tx Queue
Tx Queue
Tx Queue
TRL Tx Task
non-TRL Tx
UTOPIA Multi-PHY
Task
SAR
N times
TRL Tx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com