Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1150 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1150 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1146Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1147Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1148Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1149Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1150Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1151Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1152Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1153Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1154Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1150 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
34-4
Freescale Semiconductor
34.1.4
PHY-Layer Devices Supported
The IMA microcode is primarily targeted at ATM’s primary application (i.e. IMA over multiple DS1/E1).
However, the IMA microcode supports any UTOPIA PHY device which (1) has a constant data rate and
(2) can be programmed not to screen out HEC-errorred cells. Most PHYs have this mode available for
IMA also.
34.1.5
ATM Features Not Supported
The following ATM features are not available for IMA links only, but are available for non-IMA links:
•
User-defined cells (UDC) (i.e. cells that are not 53 bytes and/or with customized headers)
•
Internal rate mode for APC scheduling
34.1.6
Additional Impact on MPC8280 Features
If the IDCR recovery feature is used, the following are true:
•
One of the IDMA channels are unavailable, and its resources are dedicated instead to the IDCR
master clock function. This can be any IDMA channel (1, 2, 3, or 4).
•
MPC8280 features sharing the IDMA channel’s parameter RAM page are unavailable.
For more detailed information, refer to Section 34.4.8.2, “IDCR FCC Parameter Shadow.”
34.2
IMA Protocol Overview
This section describes the IMA protocol, not the MPC8280’s IMA microcode.
34.2.1
Introduction
Inverse Multiplexing over ATM (IMA) provides a cost effective solution to carry high speed connections,
for example, T3/E3 and OC-3c/STM-1 links, over already installed low speed connections, for example,
T1/E1 links, in a flexible way by dynamically adding/removing links as required, depending on the
bandwidth required.
IMA is defined as transmitting a stream of data over multiple low speed links and recombining the stream
in the correct order at the end. IMA involves inverse multiplexing and de-multiplexing of ATM cells in a
cyclical fashion among links grouped to form a higher bandwidth logical link whose rate is approximately
the sum of the link rates. This is referred to as an IMA group. Figure 34-1 provides a simple illustration of
ATM Inverse Multiplexing technique in one direction. This technique applies in the opposite direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com