Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1149 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1149 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1145Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1146Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1147Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1148Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1149Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1150Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1151Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1152Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1153Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1149 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-3
— Stuffing—insertion of ‘stuff’ cells into fast links—in order to maintain an average data rate
between links of a group
— Discards cells with bad HECs (available on .25
µm rev B silicon and forward)
•
Delay synchronization--correlating IMA frames among links of a group
•
Maximum differential delay supported is user-programmable
•
Optionally recovers IMA data clock rate (IDCR)
•
Provides interrupts on errors/state changes
•
Maintains low-level statistic counters
— Transmit stuff events
— Receive stuff events
— Receive ICP violations
— Receive Out-of-IMA Frame anomalies
34.1.1
References
The features provided by the IMA microcode are driven by The ATM Forum’s IMA specification. The
implementation of the IMA microcode is driven by the features, architecture, and resources available on
the MPC8280. In addition to published MPC8280 device errata, users should be familiar with the
following (available at www.atmforum.com):
•
The ATM Forum Technical Committee. Inverse Multiplexing for ATM (IMA) Specification
Version 1.1 - AF-PHY-0086.001
•
The ATM Forum Technical Committee. Inverse Multiplexing for ATM (IMA) Specification
Version 1.0 - AF-PHY-0086.000
34.1.2
IMA Versions Supported
The IMA microcode supports IMA version 1.0 and version 1.1, with only minor configuration changes.
These include the following:
•
Programming the IMA version encoding in the OAM labels of the transmit ICP and Filler cell
templates.
•
Programming the validated OAM label field in the IMA group receive parameters.
34.1.3
MPC8280 Versions Supported
IMA support in ROM is available on the MPC8264 and the MPC8266. On these derivatives of the
MPC8280 family, integrated DS1/E1 transmission convergence (TC) layer hardware facilitates HEC
checking of received cells. (Refer to Chapter 35, “ATM Transmission Convergence Layer.”) So in these
MPC8280 devices, IMA support is available for either the integrated DS1/E1 TC layer or external
UTOPIA PHY devices connected via UTOPIA Level 2 multi-PHY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com