Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1145 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1145 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1141Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1142Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1143Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1144Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1145Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1146Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1147Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1148Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1149Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1145 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
33-39
An interrupt entry for the VC is shown in Figure 33-24.
.
Table 33-15 describes the interrupt queue entry fields for the VC. All the receive error events are enabled
by setting RCT[EM].
0
1
2
3
10
11
12
15
Offset + 0x00
V
—
W
0000_0000
Error_Code
Offset + 0x02
Channel Code (CC)
Figure 33-24. AAL2 Interrupt Queue Entry CID = 0
Table 33-15. AAL2 Interrupt Queue Entry CID = 0 Field Descriptions
Offset
Bits
Name
Description
0x00
0
V
Valid interrupt entry
0 This interrupt queue entry is free and can be used by the CP.
1 This interrupt queue entry is valid. The host should read this interrupt and clear this
bit.
1—
—
2
W
Wrap bit. When set, this is the last interrupt circular table entry. During initialization,
the host must clear all W bits in the table except the last one, which must be set.
3–10
CID
CID number. Equals zero. This exception applies to the whole cell.
11
—
Reserved
12–15
Error_Code
A receive error was detected.
0000 Parity error of the OSF.
0001 The STF sequence number is incorrect.
0010 The number of octets expected to overlap into this cell does not match the OSF.
0011 OSF is greater than 47.
0100 A packet HEC error was detected.
0101 The length of the CPS packet exceeds the Max_SDU_Length.
0111 A packet HEC error was detected in a split header packet.
0x02
—
CC
Channel code specifies the ATM channel number associated with this interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com