Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1141 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1141 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1137Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1138Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1139Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1140Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1141Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1142Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1143Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1144Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1141 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
33-35
0x5C
UEAD_OFFSET
Hword
User-defined cells mode only. The offset of the UEAD entry in the UDC
extra header. Should be an even address. If RCT[BO]=01
UEAD_OFFSET should be in little-endian format. For example if UEAD
entry is the first half word of the extra header in external memory,
UEAD_OFFSET should be set to 2 (second half word entry in internal
RAM).
0x5E
RxQD_Base_Int
Hword
Points to the base address of the internal RxQD table. The pointer should
be 32-byte aligned. User-defined.
0x60
PMT_BASE
Hword
Performance monitoring table base. User-defined.
0x62
APCP_BASE
Hword
APC parameters table base address. User-defined.
0x64
FBT_BASE
Hword
Free buffer pool parameters table base. User-defined.
0x66
INTT_BASE
Hword
Interrupt queue parameters table base. User-defined.
0x68
—
—
Reserved. Should be cleared during initialization.
0x6A
UNI_STATT_BASE
Hword
UNI statistics table base. User-defined.
0x6C
BD_BASE_EXT
Word
BD table base address extension. BD_BASE_EXT[0-7] hold the 8 most
significant bits of the RX/TxBD table base address.
BD_BASE_EXT[8-31] should be zero. User-defined.
0x70
VPT_BASE /
EXT_CAM_BASE
Word
Base address of the address compression VP table/external CAM.
User-defined.
0x74
VCT_BASE
Word
Base address of the address compression VC table. User-defined.
0x78
VPT1_BASE /
EXT_CAM1_BASE
Word
Base address of the address compression VP1 table/EXT CAM1.
User-defined.
0x7C
VCT1_BASE
Word
Base address of the address compression VC1 table. User-defined.
0x80
VP_MASK
Hword
VP mask for address compression lookup. User-defined.
0x82
VCI_Filtering
Hword
VCI filtering enable bits. When cells with VCI = 3, 4, 6, 7-15 are received
and the associated VCI_Filtering bit = 1 the cell is sent to the raw cell
queue. VCI=3 is associated with VCI_Filtering[3], VCI=15 is associated
with VCI_Filtering[15]. VCI_Filtering[0–2, 5] should be zero. See
Section 31.10.1.2, “VCI Filtering (VCIF).”
0x84
GMODE
Hword
Global mode. User-defined. See Section 31.10.1.3, “Global Mode Entry
(GMODE)
.”
0x86
COMM_INFO
Hword
The information field associated with the last host command.
User-defined. See Section 31.14, “ATM Transmit Command.
“
0x88
Hword
0x8A
Hword
0x8C
—
Word
Reserved. Should be cleared during initialization.
0x90
CRC32_PRES
Word
Preset for CRC32. Initialize to 0xFFFFFFFF.
0x94
CRC32_MASK
Word
Constant mask for CRC32. Initialize to 0xDEBB20E3.
Table 33-13. AAL2 Parameter RAM (continued)
Offset
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com