Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1138 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1138 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1134Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1135Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1136Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1137Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1138Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1139Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1140Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1141Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1142Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1138 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
33-32
Freescale Semiconductor
33.4.4.8
SSSAR Receive Buffer Descriptor
The SSSAR SDU is stored in a BD-buffer structure similar to the structures used for AAL5 frames. The
buffer size is determined by SSSAR RxQD[MRBLR]; the actual buffer space used may be smaller. If the
received SSSAR SDU is greater than MRBLR, the SDU spans over multiple buffers.
The SSSAR RxBD is shown in Figure 33-21.
0x02
—
RxBD Table
Offset
Points to the next BD to be handled by the CP. The user should initialize this pointer to
zero.
0x04
—
RxBD Table
Base
Points to the beginning of the BD table.
0x08
—
—
Reserved, should be cleared during initialization.
0x0A
—
—
Reserved, should be cleared during initialization.
0x0C
—
Time Stamp
Used for reassembly timeout of the SSSAR SDU. Whenever the first packet of an
SSSAR SDU arrives the timestamp timer is sampled and stored here (regardless of
the RasT bit).
0x10
—
—
Reserved, should be cleared during initialization.
0x12
—
—
Reserved, should be cleared during initialization.
0x14
—
MRBLR
Maximum receive buffer length. Holds the maximum receive buffer length. The actual
buffer size can be less.
0x16
—
Max_SSSAR
_SDU_
Length
Holds the maximum SSSAR SDU length. Upon each new packet the accumulated
frame size is compared with this value. If the limit is exceeded, the CP discards the rest
of the packets of the current frame.
0x18–
0x1E
—
—
Reserved, should be cleared during initialization.
1
Boldfaced entries must be initialized by the user.
01234567
10
11
15
Offset + 0x00
ECM
W
I
L
RxError
—
UUI
Offset + 0x02
Data Length (DL)
Offset + 0x04
Rx Data Buffer Pointer (RXDBPTR)
Offset + 0x06
Figure 33-21. SSSAR Receive Buffer Descriptor
Table 33-11. SSSAR RxQD Field Descriptions (continued)
Offset
Bits
Name1
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com