Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1134 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1134 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1130Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1131Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1132Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1133Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1134Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1135Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1136Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1137Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1134 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
33-28
Freescale Semiconductor
.
33.4.4.5
CPS Switch Rx Queue Descriptor
The switch RxQD, shown in Figure 33-18, is used for CIDs that are being switched from one
PHY1 |VP1 |VC1 |CID1 to another PHY2 |VP2 |VC2 |CID2. The RxQD contains the pointer to the
TxQD that controls the TxBD table through which the packet is transferred.
The switch RxQD also contains the translation CID that is saved with the packet in the transmit buffer. A
PPD mode enables the discarding of the rest of an SSSAR frame when a buffer is not available.
Note that the CPS switch RxQD must be unique for every Rx switched CID.
Table 33-8. CPS RxBD Field Descriptions
Offset
Bits
Name1
1
Boldfaced entries must be initialized by the user.
Description
0x00
0
E
Buffer empty bit
0 The CPS RX buffer is full or data reception was aborted due to an error. The core
can read or write any fields of this RxBD. The CP does not use this BD while E
remains zero.
1 The CPS RX buffer is empty or reception is in progress. This is controlled by the CP.
Once E is set, the core should not access any fields of this buffer.
1
CM
Continuous mode
0 Normal operation
1 The CP does not clear E after this BD is closed, allowing the associated buffer to
be reused automatically when the CP next accesses this BD. However, the E bit is
cleared if an error occurs while receiving, regardless of the CM bit setting.
2
W
Wrap (final BD in table)
0 This is not the last BD in the RxBD table.
1 This is the last BD in the RxBD table of this current channel. After this buffer has
been used, the CP receives incoming data for this channel into the first BD in the
table. The number of RxBDs in this table is programmable and is determined only
by the W bit. The current table cannot exceed 64 Kbytes.
3
I
Interrupt
0 The CP will not issue an interrupt after this buffer is serviced.
1 The CP will issue an interrupt after this buffer is serviced if the RBM bit in the RxQD
is set.
4–6
—
Reserved, should be cleared during initialization.
7
UP
Uncompleted packet
0 No error occurred in this packet
1 A receive error occurred that caused this packet to be uncompleted. The receive
error type is reported to the interrupt queue.
8–15
CPS Packet
Header
Contains the beginning of the packet header. See Figure 33-10 for the CPS packet
header format.
0x02
—
CPS Packet
Header
Contains the rest of the packet header. The CP checks the packet HEC and if
appropriate, indicates a packet HEC error in an interrupt queue entry with CID = 0.
See Figure 33-10 for the CPS packet header format.
0x04
—
RXDBPTR
Rx data buffer pointer. Points to the address of the associated buffer. There are no
byte-alignment requirements for the buffer, and it may reside in either internal or
external memory. This value is not modified by the CP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com