Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1132 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1132 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1128Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1129Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1130Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1131Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1132Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1133Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1134Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1135Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1136Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1132 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
33-26
Freescale Semiconductor
33.4.4.2
CID Mapping Tables and RxQDs
Each PHY | VP | VC | CID combination is assigned an RxQD using a CID mapping table. To multiplex
several receive CIDs into a single common queue, map each multiplexed PHY | VP | VC | CID
combination to one RxQD.
The ATM channel’s RCT contains the base address of the associated CID mapping table. This base address
is external (32 bits) when RCT[MAP]=1; otherwise, the table resides in the dual-port RAM and the base
address is two bytes. The CID of the received packet is used as an index into the mapping table. The
mapping table entries are 2-byte RxQD offsets. If the CID mapping table is external, it must be on the same
bus as the BDs and interrupt queues as specified by RCT[BIB].
There are two RxQDs—one for internal RxQDs and one for external RxQDs. Offsets between 0–511
belong to the 2048-byte internal RxQD table. It is recommended to have as many RxQDs as possible in
the internal table. Note that the first 32 bytes of the internal RxQD table are reserved for internal use; that
is, RxQD offsets between 0–7 are reserved. The address of an internal RxQD is RxQD_Base_Int +
4*RxQD_Offset.
Offsets between 512–65535 belong to the external RxQD table. The address of an external RxQD is
RxQD_Base_Ext + 4*RxQD_Offset. The external RxQD table must be on the same bus as the BDs and
interrupt queues as specified by RCT[BIB].
Because the three kinds of RxQDs are each a different size (for example, an SSSAR RxQD is 32 bytes and
a CPS switch RxQD is only 4 bytes), some of the offset numbers are left unused.
33.4.4.3
CPS Rx Queue Descriptors
Each CPS RxQD, as shown in Figure 33-16, points to an CPS RxBD table.
0
11
12
13
14
15
Offset + 0x00
—
RBM
—
SubType
Offset + 0x02
RxBD Table Offset
Offset + 0x04
RxBD Table Base
Offset + 0x06
Figure 33-16. CPS Rx Queue Descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com