Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1129 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1129 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1125Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1126Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1127Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1128Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1129Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1130Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1131Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1132Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1129 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
33-23
33.4.4.1
AAL2 Protocol-Specific RCT
The receive connection table (RCT) is a VC-level table and is where the AAL type for the ATM channel
number is selected. The parameters related to the ATM channel number or to all the RX Queues of the
ATM channel are maintained here. The RCT also contains the pointer to the CID mapping table for the
ATM VC. Figure 33-15 shows the AAL2-specific RCT.
NOTE
For an active channel, the CP uses a burst cycle to fetch the 32-byte RCT
and writes back only the first 24 bytes.
Table 33-6 describes the AAL2 RCT fields.
0
1
2
3
4
5
6
7
8
910
1112
13
14
15
Offset + 0x00
—
GBL
BO
—
DTB
BIB
—
SEGF
ENDF
—
MAP
INTQ
Offset + 0x02
—
NoSTF
AAL
Offset + 0x04
—
Offset + 0x06
Offset + 0x08
Offset + 0x0A
Offset + 0x0c
Offset + 0x0e
Offset + 0x10
Offset + 0x12
Offset + 0x14
Offset + 0x16
Offset + 0x18
CID Mapping Table Base
Offset + 0x1A
Offset + 0x1C
—
PMT
TBNR Time OUT CNT
Offset + 0x1E
Max_CPS_SDU_Deliver_length
—
EM PM
Figure 33-15. AAL2 Protocol-Specific Receive Connection Table (RCT)
Table 33-6. AAL2 Protocol-Specific RCT Field Descriptions
Offset
Bits
Name 1
Description
0x00
0–1
—
Reserved, should be cleared during initialization.
2
GBL
Global. Setting GBL enables snooping of data buffers, BDs, interrupt queues and free
buffer pool.
3–4
BO
Byte ordering—used for data buffers.
00 Reserved
01 munged little endian
1x Big endian



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com