Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1131 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1131 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1127Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1128Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1129Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1130Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1131Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1132Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1133Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1134Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1135Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1131 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
33-25
0x04
—
—
Reserved, should be cleared during initialization.
0x06
—
0x08
—
0x0A
—
0x0C
—
0x0E
—
0x10
—
0x12
—
0x14
—
0x16
—
0x18
—
CID Mapping
Table Base
Points to the base address of the CID mapping table (see Figure 33-13).
If RCT[MAP] = 0, the pointer contains a dual-port RAM address and only the 16 lsb
(at 0x1A and 0x1B) are relevant. If MAP = 1, the pointer is a full 32-bit address in the
memory space.
0x1C
0–1
—
Reserved, should be cleared during initialization.
2–7
PMT
Performance monitoring table. Assigns one of the available 64 performance
monitoring tables to this VC. The table’s starting address is PMT_BASE+PMT*32.
8–15
TBNR Time
Out CNT
The TBNR Time-Out CNT is a parameter that describes the amount of attempts the
transmitter tries to transmit a packet on a BD ring which is current marked as partially
filled, i.e. waiting for a receiver to finish reception of a packet.
This value will be used internally by the transmitter that is the destination for this
packet and decremeted by the CPM on each attempt. Upon reaching the value 1, the
transmitter will act as if the receiver is stuck in error condition and proceed to the next
BD in the BD ring. This parameter is valid in switch mode only and should be
programmed to a higher value than the ratio between the transmitter rate and the
lowest receiver rate in the BD ring. The 8 bit value is scaled by 4 (setting TBNR
Time-Out CNT =1 yields a value of 4 internally) so that the max number is 1K.
Clearing this field will disable this feature completely
0x1E
0–7
Max_CPS_S
DU_Deliver_
Length
Indicates the maximum size CPS_SDU in bytes that is allowed to be transported on
this channel. This value is compared to the length of each CPS_SDU before it is
delivered, as specified in the ITU-T recommendation I.363.2.
8–13
—
Reserved, should be cleared during initialization.
14
EM
Receive error mask for AAL2 protocol-specific events. Note that buffer-not-ready, Rx
buffer and Rx frame events are not affected by this mask.
0 Disable AAL2 receive error events.
1 Enable AAL2 error events.
15
PM
Enable performance monitoring
0 No performance monitoring for this VC.
1 Perform performance monitoring for this VC. Whenever a cell is received by this
VC, the associated performance monitoring table is updated.
1
Boldfaced entries must be initialized by the user.
Table 33-6. AAL2 Protocol-Specific RCT Field Descriptions (continued)
Offset
Bits
Name 1
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com