Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1127 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1127 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1123Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1124Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1125Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1126Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1127Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1128Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1129Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1130Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1127 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
33-21
•
RxQD offsets from 8 through 511 point into the internal RxQD table located in dual-port RAM at
RxQD_Base_Int. Note that the first 32 bytes of the internal RxQD table are reserved (so offsets
0–7 are reserved).
•
RxQD offsets greater than 511 point into the external RxQD table located at RxQD_Base_Ext +
(512*4).
•
Because the three types of RxQDs are different sizes, some offset numbers may not be used.
Figure 33-13. CID Mapping Process
33.4.3
AAL2 Switching
Switching is performed by pointing an RX CID at a switch RxQD (see Figure 33-14). The switch RxQD
is unique for each Rx CID. The descriptor holds a translation CID number and a pointer to a CPS TxQD
into which this packet is saved and later sent by the transmitter. (The TxQD pointer is responsible for the
actual PHY | VP | VC switching.) The TxQD pointed to by the switch RxQD(s) should have TxQD[SW]
set and should not be modified by the host when the channel is active. The transmit scheduling of the
packet is done by the APC according to the programmed bit rate of the ATM channel that holds the
switched queue.
RxQD table (internal)
0
32
64
72
2044
Reserved
SSSAR RxQD
CPS RxQD
Switch RxQD
RxQD table (external)
2048
CPS RxQD
Switch RxQD
RxBD table
RxBD table
Tx queue descriptor
TxBD table
Rx buffers
Rx buffers
Tx buffers
RxQD_Base_Int +
RxQD_Offset*4
CID mapping table
RxQD offset
RxQD offset
CID0
CID1
CID255
RxQD_Base_Ext + 512*4
(in FCC parameter RAM)
RxQD offset
RxQD offset
•
•
•
Half-word
CID mapping table base
RxQD_Base_Int
(in FCC parameter RAM)
AAL2 RCT
ATM cell
Header
STF
CID-PH
CPS packet payload
CID-PH
CPS packet payload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com