Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1124 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1124 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1120Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1121Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1122Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1123Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1124Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1125Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1126Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1127Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1124 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
33-18
Freescale Semiconductor
33.3.5.5
SSSAR Transmit Buffer Descriptor
The SSSAR buffer structure consists of a BD table that points to data buffers. The buffers may contain
SSSAR SDUs belonging to different CIDs. Each buffer may contain a whole SSSAR SDU or part of it.
The CPS CID is located in the first BD of the SSSAR SDU. See Figure 33-12.
.
0
1234
5
7
8
15
Offset + 0x00
RCM
W
I
L
—
CID
Offset + 0x02
Data Length (DL)
Offset + 0x04
Tx Data Buffer Pointer (TXDBPTR)
Offset + 0x06
Figure 33-12. SSSAR TxBD
Table 33-5. SSSAR TxBD Field Descriptions
Offset
Bits
Name1
Description
0x00
0
R
Ready
0 The buffer associated with this BD is not ready for transmission. The user is free to
manipulate this BD or its associated buffer. The CP clears R after the buffer is sent
or after an error condition is encountered.
1 The user-prepared buffer has not been sent or is currently being sent. No fields of
this BD may be written by the user once R is set.
1
CM
Continuous mode
0 Normal operation.
1 The CP does not clear R after this BD is closed, allowing the associated buffer to
be retransmitted automatically when the CP next accesses this BD. However, the
R bit is cleared if an error occurs during transmission, regardless of the CM bit
setting.
2
W
Wrap (final BD in table)
0 This is not the last BD in the TxBD table.
1 This is the last BD in the TxBD table. After this buffer is used, the CP transmits
outgoing data for this channel from the first BD in the table (the BD pointed to by
the channel’s TxBD_table_Base in the TxQD). The number of TxBDs in this table
is determined only by the W bit.
3
I
Interrupt
0 No interrupt is generated after this buffer has been serviced.
1 A Tx Buffer event is sent to the interrupt queue after this buffer is serviced. The
GHIN/GLIN bit in the event register is set when the INT_CNT counter reaches
terminal count.
4
L
Last.
0 This is not the last buffer of the SSSAR SDU.
1 This is the last buffer of the SSSAR SDU.
5–7
—
Reserved, should be cleared during initialization.
8–15
CID
Contains the CID number of the SSSAR SDU pointed by this BD. This field should be
written to the first BD of an SSSAR SDU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com