Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1123 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1123 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1119Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1120Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1121Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1122Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1123Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1124Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1125Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1126Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1123 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
33-17
Table 33-4 describes the SSSAR TxQD fields.
.
Table 33-4. SSSAR TxQD Field Descriptions
Offset
Bits
Name1
1
Boldfaced entries must be initialized by the user.
Description
0x00
0–7
—
Reserved, should be cleared during initialization.
8
BNM
Buffer-not-ready interrupt mask of the TxBD table.
0 The transmit buffer-not-ready event for this queue is masked. (The event is not
sent to the interrupt queue.)
1 The buffer-not-ready event for this queue is enabled.
9
UUI
UUI insertion mode
0 UUI of last CPS packet is 0.
1 UUI of last CPS packet is taken from the next byte after the end of the buffer.2
2
The 5-bit UUI field is inserted into the header of the last packet of an SSSAR SDU. The user must append the UUI to
the last buffer as an additional byte. This additional byte is then inserted into the UUI field of the last packet header
(note that, it is important that this additional byte—the byte after the last byte in the last data buffer of the SSSAR
frame—contains the 5 bits of the UUI). The 3 MSB bits of this extra byte should be cleared; refer to Figure 33-10.
10
INF
Indicates the current state of the frame.
0 The next packet will be the first of a new frame.
1 Currently in the middle of the frame.
11
CPS
Sublayer type. For an SSSAR TxQD, this field must be cleared.
0 SSSAR or SSTED.
1 CPS packet.
12
TBM
Transmit buffer interrupt mask for TxBD table.
0 The transmit buffer event of this queue is masked. (The event is not sent to the
interrupt queue.)
1
The transmit buffer event of this queue is enabled.
13
SSSAR
SSSAR bit
0 SSTED sublayer
1 SSSAR sublayer
14–15
—
Reserved, should be cleared during initialization.
0x02
0–7
Seg_Len
Specifies the maximum length in bytes of the SSSAR PDU (excluding the packet
header). Seg_Len is limited to 45 in NoSTF=1 mode. The CP always attempts to
segment the SSSAR SDU according to this length, but not more than it.
8–15
—
Reserved, should be cleared during initialization.
0x04
—
TxBD Table Base Must be initialized to the first TxBD by the user.
0x08
—
TxBD Table
Offset Out
Used to calculate the pointer to the next TxBD to be used for transmission.
Should be cleared during initialization.
0x0A
—
—
Reserved, should be cleared during initialization.
0x0C
—
NextQueue
Points to the next TxQD to be serviced after this one. See Section Section 33.3.2,
“Transmit Priority Mechanism.”
0x0E–
0x1E
—
—
Reserved, should be cleared during initialization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com