Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1119 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1119 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1115Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1116Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1117Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1118Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1119Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1120Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1121Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1122Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1119 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
33-13
Table 33-2 describes the CPS TxQD fields.
.
0
7
8
9
10
11
12
13
15
Offset + 0x00
—
BNM
SW
HEC
CPS
TBM
—
Offset + 0x02
TxBD Table Offset In (switched mode only)
Offset + 0x04
TxBD Table Base
Offset + 0x06
Offset + 0x08
TxBD Table Offset Out
Offset + 0x0A
Number of Packets In Queue
Offset + 0x0C
NextQueue
Offset + 0x0E
—
Figure 33-7. CPS Tx Queue Descriptor (TxQD)
Table 33-2. CPS TxQD Field Descriptions
Offset
Bits
Name1
Description
0x00
0–7
—
Reserved for internal use. (Used to save the BD status of the open BD.)
8
BNM
Buffer not-ready interrupt mask of the TxBD table.
0 The transmit buffer-not-ready event for this queue is masked. (The event is not sent
to the interrupt queue.)
1 The buffer-not-ready event for this queue is enabled.
9
SW
Switching queue.
0 Normal TX Queue.
1 This TxQD handles a switching queue. The receiver and transmitter share this queue.
10
HEC
HEC calculation.
0 Transmitter calculates the CPS header HEC.
1 The CPS header HEC is taken as is from the CPS buffer descriptor.
11
CPS
Sublayer type. For a CPS TxQD, this field must be set.
0 SSSAR or SSTED.
1 CPS packet.
12
TBM
Transmit buffer interrupt mask.
0
The transmit buffer event of this queue is masked. (The event is not sent to the
interrupt queue).
1
The transmit buffer event of this queue is enabled.
13–15
—
Reserved, should be cleared during initialization.
0x02
—
TxBD Table
Offset In
Used only when this queue is used for switching (SW=1). Should be cleared during
initialization.
0x04
—
TxBD Table
Base
This pointer points to the base address of the BD table.
0x08
—
TxBD Table
Offset Out
Holds the offset from the TxBD table base to the next BD to be opened by the
transmitter. Should be cleared during initialization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com