Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1115 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1115 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1111Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1112Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1113Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1114Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1115Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1116Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1117Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1118Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1115 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
33-9
33.3.5
AAL2 Tx Data Structures
The following sections describe the transmit connection tables (TCT) and the structures in which CPS
packets and SSSAR SDUs are stored in memory.
33.3.5.1
AAL2 Protocol-Specific TCT
The transmit connection table (TCT) is a VC-level table and is where the AAL type for the ATM channel
number is selected. The parameters related to the ATM channel number or to all the TX Queues of the
ATM channel are maintained here. Figure 33-6 shows the AAL2-specific TCT.
NOTE
When the channel is active, the CP fetches the TCT (32 bytes) using burst
cycle and writes back only the first (24 bytes).
Table 33-1 describes the AAL2 TCT fields.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Offset + 0x00
—
GBL
BO
—
DTB BIB AVCF PFM
ATT
ET
VCON
INTQ
Offset + 0x02
—
NoSTF
AAL
Offset + 0x04
—
Offset + 0x06
Offset + 0x08
—
Offset + 0x0A
FirstQueue
Offset + 0x0C
Rate Remainder
PCR Fraction
Offset + 0x0E
PCR
Offset + 0x10
Timer_CU_period
Offset + 0x12
Timer_Period_Shadow
Offset + 0x14
—
Offset + 0x16
APC Linked Channel
Offset + 0x18
ATM Cell Header (VPI,VCI,PTI,CLP)
Offset + 0x1a
Offset + 0x1C
—
PMT
MaxStep
Offset + 0x1E
—
PFT
—
OneP
STPT
Fix
PM
Figure 33-6. AAL2 Protocol-Specific Transmit Connection Table (TCT)
Table 33-1. AAL2 Protocol-Specific Transmit Connection Table (TCT) Field Descriptions
Offset
Bits
Name1
Description
0x00
0–1
—
Reserved, should be cleared during initialization.
2
GBL
Global. Setting GBL enables snooping of data buffers, BD, interrupt
queues and free buffer pool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com