Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1116 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1116 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1112Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1113Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1114Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1115Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1116Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1117Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1118Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1119Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1116 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
33-10
Freescale Semiconductor
3–4
BO
Byte ordering. This field is used for data buffers.
00 Reserved.
01 Power PC little endian.
1x Big endian.
5
—
Reserved, should be cleared during initialization.
6
DTB
Data buffer bus selection.
0 Data buffers reside on the 60x bus.
1 Data buffers reside on the local bus.
7
BIB
Bus selection for the BDs, interrupt queues and the free buffer pool.
0
Reside on the 60x bus.
1
Reside on the local bus.
8
AVCF
Auto VC off. Determines APC behavior when the last buffer associated
with this VC has been sent and no more buffers are in the VC’s TxBD
table,
0
The APC does not remove this VC from the schedule table and
continues to schedule it to transmit.
1
The APC removes this VC from the schedule table. To continue
transmission after the host adds buffers for transmission, a new ATM
TRANSMIT
command is needed, which can be issued only after the CP
clears the VCON bit. (Bit 13)
9
PFM
Partial fill mode. See Section 33.3.3, “Partial Fill Mode (PFM).”
0
Partially filled cells are not supported.
1
Partially filled cells are supported.
10–11
ATT
ATM traffic type
00 Peak cell-rate pacing (regular traffic). The host must initialize PCR
and PCR fraction. Other traffic parameters are not used.
01 Peak and sustain cell rate pacing (VBR traffic). The APC performs a
continuous-state leaky bucket algorithm (GCRA) to pace the
channel-sustain cell rate. The host must initialize PCR, PCR fraction,
SCR, SCR fraction, and BT (burst tolerance).
10 Peak and Minimum cell rate pacing. The host must initialize PCR, PCR
fraction, MCR, MCR fraction, and MDA.
11 Reserved.
12
ET
Enable Timer_CU.
0 Timer_CU operation in this channel is disabled.
1 Timer_CU operation in this channel is enabled.
13
VCON
Virtual channel is on
Should be set by the host before it issues an ATM TRANSMIT command.
When the host sets the STPT (stop transmit) bit, the CP deactivates this
channel and clears VCON. The host can issue another ATM TRANSMIT
command only when the CP clears VCON.
14–15
INTQ
Points to one of the four interrupt queues available.
Table 33-1. AAL2 Protocol-Specific Transmit Connection Table (TCT) Field Descriptions (continued)
Offset
Bits
Name1
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com