Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1112 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1112 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1108Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1109Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1110Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1111Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1112Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1113Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1114Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1115Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1112 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
33-6
Freescale Semiconductor
33.3.2
Transmit Priority Mechanism
The transmit priority mechanism operates in two modes:
•
Round robin (TCT[Fix]=0)
•
Fixed priority (TCT[Fix]=1)
The following sections describe the priority options.
33.3.2.1
Round Robin Priority
In round robin priority mode, the Tx queues all have equal priority. The transmitter starts with the TxQD
pointed to by TCT[FirstQueue], as shown in Figure 33-4. The number of packets that the transmitter
services from each queue is determined by the one-packet bit (TCT[OneP]). If TCT[OneP]=0, the
transmitter tries to process as many packets in the queue as needed to fill up the cell. Only when the queue
is empty does the transmitter move on to the next queue (assuming the cell is not completed). If
TCT[OneP]=1, the transmitter attempts to take only one packet out of each queue. (Set TCT[OneP] for
implementations where each queue contains only one CID.)
Figure 33-4. Round Robin Priority
The transmitter steps from one TxQD to the next along the queue links. The TCT[MaxStep] parameter
limits the number of TX Queues that the transmitter visits during a cell time. If MaxStep is reached before
the cell has been completely filled, one of the following events takes place:
•
TCT[ET]=0 (Timer CU disabled). The cell is padded with zeros and sent.
•
TCT[ET]=1 (Timer CU enabled). If the timer has not expired, the cell is not sent. (The transmitter
attempts to fill the cell the next time this channel is scheduled.) If the timer has expired, the cell is
padded with zeros and sent
After the transmitter sends a cell, it saves the queue link of the last TxQD serviced in TCT[FirstQueue].
FirstQueue
TCT
NextQueue
TxQD
NextQueue
TxQD
NextQueue
TxQD
Fix=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com