Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1113 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1113 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1109Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1110Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1111Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1112Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1113Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1114Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1115Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1116Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1113 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
33-7
33.3.2.2
Fixed Priority
In fixed priority mode (TCT[Fix]=1), the transmitter, with each new cell, starts with searching the highest
priority queue and then moves on to the lower priority queues. The TCT[FirstQueue] points to the highest
priority queue, as shown in Figure 33-5, and remains unchanged by the CP.
Figure 33-5. Fixed Priority Mode
The TCT[OneP] determines the number of packets that the transmitter attempts to take from each queue
(see the explanation in round robin mode).
The NextQueue field of the lowest priority TxQD should be cleared (null link), and TCT[MaxStep] should
be programmed to the total number of TX queues in the channel. When the transmitter reaches the null
link and the cell is still not complete, the transmitter checks the TIMER CU mode as described above for
the round robin mode.
33.3.3
Partial Fill Mode (PFM)
The partial fill mode (TCT[PFM]=1) allows the user to specify a partial fill threshold (TCT[PFT]), which
limits the number of data octets sent with each ATM cell. Partial fill mode assures that packets are not split
over two cells, unless the first packet of the cell is greater than 47 bytes.
In partial fill mode, the transmitter starts by filling the ATM cell with the first packet. After the first packet,
the CP determines if including the next packet in the cell would exceed the PFT limit. If so, the second
packet is not inserted into the current cell, the unused payload is padded with zeros, and the cell is sent. If
the second packet does not exceed PFT, the CP inserts it into the CPS-PDU and moves on to the third
packet, and so on.
By programming PFT = 1, the partial fill mode can also serve to assure that only one packet is sent per cell.
FirstQueue
TCT
NextQueue
TxQD
NextQueue
TxQD
0x0000 (null link)
TxQD
Fix=1
Highest priority queue
Lowest priority queue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com