Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1117 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1117 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1113Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1114Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1115Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1116Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1117Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1118Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1119Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1120Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1121Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1117 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
33-11
0x02
0–11
—
Reserved, should be cleared during initialization.
12
NoSTF
No STF byte. See Section 33.3.4, “No STF Mode.”
0 Normal AAL2 cell structure.
1 The cell does not include the STF byte. In this mode each cell starts with
a new packet and contains only whole packets (no split or partial).
13–15
AAL
AAL type
000
AAL0 —Segmentation with no adaptation layer
001
AAL1 —ATM adaptation layer 1 protocol
010
AAL5 —ATM adaptation layer 5 protocol
100
AAL2 —ATM adaptation layer 2 protocol
101
AAL1_CES. Refer to Chapter 32, “ATM AAL1 Circuit Emulation
Service.”
All others reserved.
0x04
—
—
Reserved, should be cleared during initialization.
0x06
—
—
Reserved, should be cleared during initialization.
0x08
—
—
Reserved, should be cleared during initialization.
0x0A
—
FirstQueue
Points to the first queue to be serviced in the transmitter cycle. In
round-robin priority mode (TCT[Fix]=0), this pointer could point to any one
of the TxQDs related to this channel. In fixed priority mode (TCT[Fix]=1),
this pointer should point to the highest priority TxQD.
0x0C
0–7
Rate Remainder
Rate remainder. Used by the APC to hold the rate remainder after adding
the pace fraction to the additive channel rate. Should be cleared during
initialization by the user.
8–15
PCR Fraction
Peak cell rate fraction. Holds the peak cell rate fraction of this channel in
units of 1/256 slot. If this is an ABR channel, this field is automatically
updated by the CP.
0x0E
—
PCR
Peak cell rate. Holds the peak cell rate (in units of APC slots) permitted
for this channel according to the traffic contract. Note that for an ABR
channel, the CP automatically updates PCR to the ACR value.
0x10
—
Timer_CU_period
Timer_CU duration in units of APC slots. Assures that CPS-Packet
already packed in a cell wait at most the Timer_CU duration. The user
defines this field.
0x12
—
Timer_Period_Shadow This field must be initialized to the Timer_CU period in units of APC slots.
0x14
—
—
Reserved, should be cleared during initialization.
0x16
—
APCLC
APC linked channel. Used by the CP. Should be cleared during
initialization.
0x18
—
ATMCH
ATM cell header. Holds the full (4-byte) ATM cell header of the current
channel. The transmitter appends ATMCH to the cell payload during
transmission.
Table 33-1. AAL2 Protocol-Specific Transmit Connection Table (TCT) Field Descriptions (continued)
Offset
Bits
Name1
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com